Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 17 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 17 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 13Page - Microchip Technology AT24CSW01X Datasheet HTML 14Page - Microchip Technology AT24CSW01X Datasheet HTML 15Page - Microchip Technology AT24CSW01X Datasheet HTML 16Page - Microchip Technology AT24CSW01X Datasheet HTML 17Page - Microchip Technology AT24CSW01X Datasheet HTML 18Page - Microchip Technology AT24CSW01X Datasheet HTML 19Page - Microchip Technology AT24CSW01X Datasheet HTML 20Page - Microchip Technology AT24CSW01X Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Note:  While the lower order 16 bytes of the Security register are read-only, the device will ACK if the Read/Write
Select bit is a logic ‘0’.
Table 6-1. Device Address Byte
Memory Region
Device Type Identifier
Hardware Client Address Bits
R/W
Select
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM Array
1
0
1
0
A2
A1
A0
R/W
Security Register and
Write Protection Register
1
0
1
1
A2
A1
A0
R/W
Table 6-2. Hardware Address Response by Part Number
Part Number Series
Hardware Address Bits
1-Kbit
2-Kbit
A2
A1
A0
AT24CSW010
AT24CSW020
0
0
0
AT24CSW011(1)
AT24CSW021(1)
0
0
1
AT24CSW012(1)
AT24CSW022(1)
0
1
0
AT24CSW013(1)
AT24CSW023(1)
0
1
1
AT24CSW014(1)
AT24CSW024(1)
1
0
0
AT24CSW015(1)
AT24CSW025(1)
1
0
1
AT24CSW016(1)
AT24CSW026(1)
1
1
0
AT24CSW017(1)
AT24CSW027(1)
1
1
1
Note: 
1.
Contact your local sales representative for hardware client address availability.
For all operations other than a current address read, a word address byte must be transmitted to the device
immediately following the device address byte. The word address byte contains a 7-bit (in the case of the
AT24CSW01x) or 8-bit (in the case of the AT24CSW02x) memory array word address, and is used to specify which
byte location in the EEPROM to start reading or writing. Refer to Table 6-3 to review these bit positions.
When accessing the Security register, it is required that the A7 and A6 bits of the word address be set to ‘10’
respectively. These bits are at a higher order address range than what is needed to address the 32 byte space
(A4 through A0). It is recommended that all address bits that fall outside the address range that do not have other
requirements be set to a logic ‘0’.
Table 6-3. Word Address Byte
Memory Region
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM Array
A7(1)
A6
A5
A4
A3
A2
A1
A0
Security Register
1
0
X
A4
A3
A2
A1
A0
Security Register Lock Function
0
1
1
0
X
X
X
X
Write Protection Register
1
1
X
X
X
X
X
X
Note: 
1.
Bit 7 is a “don't care” bit on the AT24CSW01x.
AT24CSW01X/AT24CSW02X
Memory Organization
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com