Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 12 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 12 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 8Page - Microchip Technology AT24CSW01X Datasheet HTML 9Page - Microchip Technology AT24CSW01X Datasheet HTML 10Page - Microchip Technology AT24CSW01X Datasheet HTML 11Page - Microchip Technology AT24CSW01X Datasheet HTML 12Page - Microchip Technology AT24CSW01X Datasheet HTML 13Page - Microchip Technology AT24CSW01X Datasheet HTML 14Page - Microchip Technology AT24CSW01X Datasheet HTML 15Page - Microchip Technology AT24CSW01X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
4.5.2
Pin Capacitance
Table 4-5. Pin Capacitance(1)
Symbol
Test Condition
Max.
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (SCL)
6
pF
VIN = 0V
Note: 
1.
This parameter is characterized but is not 100% tested in production.
4.5.3
EEPROM Cell Performance Characteristics
Table 4-6. EEPROM Cell Performance Characteristics
Operation
Test Condition
Min.
Max.
Units
Write Endurance(1)
TA = +25°C, VCC (min.) < VCC < VCC (max.),
Byte or Page Write mode
1,000,000
—
Write Cycles
Data Retention(1)
TA = +55°C
100
—
Years
Note: 
1.
Performance is determined through characterization and the qualification process.
AT24CSW01X/AT24CSW02X
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com