Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 25 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 25 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 21Page - Microchip Technology AT24CSW01X Datasheet HTML 22Page - Microchip Technology AT24CSW01X Datasheet HTML 23Page - Microchip Technology AT24CSW01X Datasheet HTML 24Page - Microchip Technology AT24CSW01X Datasheet HTML 25Page - Microchip Technology AT24CSW01X Datasheet HTML 26Page - Microchip Technology AT24CSW01X Datasheet HTML 27Page - Microchip Technology AT24CSW01X Datasheet HTML 28Page - Microchip Technology AT24CSW01X Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
9.
Read Operations
Read operations are initiated the same way as write operations with the exception that the Read/Write Select bit in
the device address byte must be a logic ‘1’. There are multiple read operations supported by the device:
• Current Address Read
• Random Address Read
• Sequential Read
Note: 
The AT24CSW01x/AT24CSW02x contains a single Address Pointer register, which is shared by both the EEPROM
and the Security register. As such, when changing from one region to the other, the first read operation in the
new region should begin with a dummy write sequence (i.e. a random read operation with the new region’s device
address and word address bytes) in order to ensure the Address Pointer is set to a known value. See Read
Operations in the Security Register for additional requirements on read operations in the Security register.
9.1
Current Address Read
The internal data word address counter maintains the last address accessed during the last read or write operation,
incremented by one. This address stays valid between operations as long as the VCC is maintained to the part. The
address roll-over during a read is from the last byte of the last page to the first byte of the first page of the memory.
A current address read operation will output data according to the location of the internal data word address counter.
This is initiated with a Start condition, followed by a valid device address byte with the R/W bit set to logic ‘1’. The
device will ACK this sequence and the current address data word is serially clocked out on the SDA line. All types
of read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol, or it can send a Start
condition to begin the next sequence.
Figure 9-1. Current Address Read
SCL
SDA
Device Address Byte
Data Word (n)
Start
by
Host
ACK
from
Client
NACK
from
Host
Stop
by
Host
MSb
MSb
1
0
1
0
#
#
#
1
0 D7 D6 D5 D4 D3 D2 D1 D0 1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Note:  # indicates the hardware address value which is managed by the ordering code of the device (see Table 6-2).
9.2
Random Read
A random read begins in the same way as a byte write operation does to load in a new data word address. This is
known as a “dummy write” sequence; however, the data byte and the Stop condition of the byte write must be omitted
to prevent the part from entering an internal write cycle. Once the device address and word address are clocked in
and acknowledged by the EEPROM, the bus host must generate another Start condition. The bus host now initiates
a current address read by sending a Start condition, followed by a valid device address byte with the R/W bit set to
logic ‘1’. The EEPROM will ACK the device address and serially clock out the data word on the SDA line. All types
of read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol, or it can send a Start
condition to begin the next sequence.
AT24CSW01X/AT24CSW02X
Read Operations
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com