Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 31 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 31 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 27Page - Microchip Technology AT24CSW01X Datasheet HTML 28Page - Microchip Technology AT24CSW01X Datasheet HTML 29Page - Microchip Technology AT24CSW01X Datasheet HTML 30Page - Microchip Technology AT24CSW01X Datasheet HTML 31Page - Microchip Technology AT24CSW01X Datasheet HTML 32Page - Microchip Technology AT24CSW01X Datasheet HTML 33Page - Microchip Technology AT24CSW01X Datasheet HTML 34Page - Microchip Technology AT24CSW01X Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
12.
Packaging Information
12.1
Package Marking Information
AT24CSW01x and AT24CSW02x: Package Marking Information
Catalog Number Truncation
AT24CSW01X
Truncation Code W1: Not used for WLCSP
AT24CSW02X
Truncation Code W2: Not used for WLCSP
Date Codes
Voltages
YY = Year
Y = Year
WW = Work Week of Assembly
% = Minimum Voltage
16: 2016
20: 2020
6: 2016
0: 2020
02: Week 2
M: 1.7V min
17: 2017
21: 2021
7: 2017
1: 2021
04: Week 4
18: 2018
22: 2022
8: 2018
2: 2022
...
19: 2019
23: 2023
9: 2019
3: 2023
52: Week 52
Country of Origin
Device Grade
Atmel Truncation
CO = Country of Origin
H or U: Industrial Grade
AT: Atmel
ATM: Atmel
ATML: Atmel
Trace Code
NNN = Alphanumeric Trace Code (2 Characters for Small Packages)
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
4-ball WLCSP
NN
5-lead SOT23
##%UYY
WWNNN
AT24CSW01X/AT24CSW02X
Packaging Information
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com