Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 29 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 29 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 25Page - Microchip Technology AT24CSW01X Datasheet HTML 26Page - Microchip Technology AT24CSW01X Datasheet HTML 27Page - Microchip Technology AT24CSW01X Datasheet HTML 28Page - Microchip Technology AT24CSW01X Datasheet HTML 29Page - Microchip Technology AT24CSW01X Datasheet HTML 30Page - Microchip Technology AT24CSW01X Datasheet HTML 31Page - Microchip Technology AT24CSW01X Datasheet HTML 32Page - Microchip Technology AT24CSW01X Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
word address and data word byte indicates the Security register is not currently locked. A NACK response indicates
the AT24CSW01x/AT24CS02x is already locked. Please refer to Determining the Lock State of the Security Register
for details about determining the Lock status of the AT24CSW01x/AT24CS02x.
The sequence completes with a Stop condition being sent to the device, which initiates a self-timed internal write
cycle. The Lock operation will conclude upon completion of that write cycle, subsequently making the Security
register permanently read-only. Read operations are always allowed to the device.
Figure 10-3. Lock Command
SCL
SDA
Device Address Byte
Word Address Byte
Data Word (”Don’t Care” bits)
Start
by
Host
ACK
from
Client
MSb
MSb
Stop
by
Host
MSb
1
2
3
4
5
6
7
8
9
1
0
1
1
#
#
#
0
0
1
2
3
4
5
6
7
8
9
X
X
X
X
X
X
X
X
0
0
1
1
0
X
X
X
X
0
1
2
3
4
5
6
7
8
9
ACK
from
Client
ACK
from
Client
Note:  # indicates the hardware address value which is managed by the ordering code of the device (see Table 6-2).
10.3.2
Determining the Lock State of the Security Register
The Lock state of the device can be determined by sending a subset of the Lock command to the device. Only the
device address byte and word address byte need to be transmitted to the device to determine the Lock state. An ACK
response to the word address byte indicates the Lock has not been set while a NACK response indicates the Lock
has been set. If the Lock has already been set, it cannot be undone. The abbreviated Lock sequence is completed by
the host sending a Stop condition to the device.
Figure 10-4. Determining the Security Register Lock State
SCL
SDA
Device Address Byte
Word Address Byte
Start
by
Host
ACK
from
Client
MSb
MSb
Stop
by
Host
1
2
3
4
5
6
7
8
9
1
0
1
1
#
#
#
0
0
1
2
3
4
5
6
7
8
9
0
1
1
0
X
X
X
X 0/1
ACK from Client
if Unlocked
NACK from Client
if Locked
Note:  # indicates the hardware address value which is managed by the ordering code of the device (see Table 6-2).
AT24CSW01X/AT24CSW02X
Security Register
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com