Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 1 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 1 Page - Microchip Technology

  AT24CSW01X Datasheet HTML 1Page - Microchip Technology AT24CSW01X Datasheet HTML 2Page - Microchip Technology AT24CSW01X Datasheet HTML 3Page - Microchip Technology AT24CSW01X Datasheet HTML 4Page - Microchip Technology AT24CSW01X Datasheet HTML 5Page - Microchip Technology AT24CSW01X Datasheet HTML 6Page - Microchip Technology AT24CSW01X Datasheet HTML 7Page - Microchip Technology AT24CSW01X Datasheet HTML 8Page - Microchip Technology AT24CSW01X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
AT24CSW01X/AT24CSW02X
I²C-Compatible (Two-Wire) Serial EEPROM with
a Security Register and Software Write Protection
1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
Features
• Low-Voltage Operation:
– VCC = 1.7V to 3.6V
• Internally Organized as 128 x 8 (1K) or 256 x 8 (2K)
• Software Write Protection of the EEPROM Array:
– Five configuration options
– Protection settings can be made permanent
• 256-Bit Security Register:
– Preprogrammed 128-bit serial number
– Additional 16 bytes of free user EEPROM provided to store critical user data
• Factory Set Hardware Client Address:
– Unique ordering code for each available client address value (AT24CSW01X/AT24CSW02X)
• Industrial Temperature Range: -40°C to +85°C
• I2C-Compatible (Two-Wire) Serial Interface:
– 100 kHz Standard Mode, 1.7V to 3.6V
– 400 kHz Fast Mode, 1.7V to 3.6V
– 1 MHz Fast Mode Plus (FM+), 1.7V to 3.6V
• Schmitt Triggers, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• Ultra Low Active Current (1 mA maximum) and Standby Current (0.8 μA maximum)
• 8-Byte Page Write Mode:
– Partial page writes allowed
• Random and Sequential Read Modes
• Self-Timed Write Cycle within 5 ms Maximum
• ESD Protection > 4,000V
• High Reliability:
– Endurance: 1,000,000 write cycles
– Data retention: 100 years
• Green Package Options (Lead-free/Halide-free/RoHS compliant)
• Die Sale Option: Wafer Form
Packages
• 5-Lead SOT23 and 4-Ball Ultra-Thin WLCSP
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 1


Similar Part No. - AT24CSW01X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24CSW040-ST11M08-T MICROCHIP-AT24CSW040-ST11M08-T Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
AT24CSW040-ST11MXX-T MICROCHIP-AT24CSW040-ST11MXX-T Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
AT24CSW040-STUM08-T MICROCHIP-AT24CSW040-STUM08-T Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
AT24CSW040-STUMXX-T MICROCHIP-AT24CSW040-STUMXX-T Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
AT24CSW040-U11M08-T MICROCHIP-AT24CSW040-U11M08-T Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
More results

Similar Description - AT24CSW01X

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Microchip Technology
AT24C16D MICROCHIP-AT24C16D Datasheet
1Mb / 41P
I짼C-Compatible (Two-Wire) Serial EEPROM 16?멚bit (2,048 x 8)
2017-2021
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
AT24CM02 MICROCHIP-AT24CM02 Datasheet
1Mb / 34P
I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
2019-2021
AT24CSW04X MICROCHIP-AT24CSW04X Datasheet
829Kb / 43P
I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
2020-2021
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com