Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 16 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 16 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 12Page - Microchip Technology AT24CSW01X Datasheet HTML 13Page - Microchip Technology AT24CSW01X Datasheet HTML 14Page - Microchip Technology AT24CSW01X Datasheet HTML 15Page - Microchip Technology AT24CSW01X Datasheet HTML 16Page - Microchip Technology AT24CSW01X Datasheet HTML 17Page - Microchip Technology AT24CSW01X Datasheet HTML 18Page - Microchip Technology AT24CSW01X Datasheet HTML 19Page - Microchip Technology AT24CSW01X Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
6.
Memory Organization
The AT24CSW01X is internally organized as 16 pages of 8 bytes each. The AT24CSW02X is internally organized
as 32 pages of 8 bytes each for the EEPROM Array. The device also contains a 32-byte Security register which is
organized as four pages of eight bytes each. This register contains a factory programmed ensured unique 128-bit
serial number in the lower 16 bytes. The upper 16 bytes are user-programmable and can (later) be permanently write
protected (see Security Register).
Figure 6-1. Memory Organization
Main
1-Kbit or 2-Kbit
EEPROM
256-bit
Security
Register
1-Kbit
Address Range (00h-7Fh)
2-Kbit
Address Range (00h-FFh)
User-Programmable Memory
Address Range (90h-9Fh)
128-bit Serial Number
Address Range (80h-8Fh)
Permanently Lockable
by Software
Read-Only
Five Different Levels
of Block Protection from
Write Protection
Register
Memory Address Range
Protection
Features
The AT24CSW01X/AT24CSW02X also contains an 8-bit Write Protection register that controls which regions of the
memory can be written to. Details about how to use this register can be found in Write Protection.
6.1
Device Addressing
Accessing the device requires an 8-bit device address byte following a Start condition to enable the device for a read
or write operation. Since multiple client devices can reside on the serial bus, each client device must have its own
unique address so the host can access each device independently.
The Most Significant four bits of the device address byte is referred to as the device type identifier. The device type
identifier ‘1010’ (Ah) for the main EEPROM access, or ‘1011’ (Bh) for Security register and Write Protection register
access is required in bits 7 through 4 of the device address byte (see Table 6‑1).
Following the 4-bit device type identifier are the client address bits, A2, A1 and A0. The value that the AT24CSW01X/
AT24CSW02X will ACK to is preprogrammed in each device. Unique ordering codes are available for each of the
eight possible client combinations. The client address preprogrammed in the device is embedded in the base part
number as shown in Table 6-2.
Access to the Security register memory location is similar to the main EEPROM region with the exception that the
device address word must begin with ‘1011’ (Bh). The behavior of the hardware address bits (A2, A1, A0) remains
the same as during a EEPROM addressing sequence (see Table 6-2). While the lower order 16 bytes of the Security
register are read-only, the device will ACK if this bit is a logic '0'. To read from the Security register, please refer to
Read Operations in the Security Register. For writing, please refer to Write Operations in the Security Register.
Note:  Accessing the Security register is only possible if any sequence or command to the EEPROM (if one has
been sent) has been properly terminated with a NACK or Stop condition from the host. Without proper termination of
that previous sequence, all communications with the Security register will not execute successfully.
The eighth bit (bit 0) of the device address byte is the Read/Write Select bit. A read operation is initiated if this bit is
high and a write operation is initiated if this bit is low.
Upon the successful comparison of the device address byte, the AT24CSW01X/AT24CSW02X will return an ACK. If
a valid comparison is not made, the device will NACK.
AT24CSW01X/AT24CSW02X
Memory Organization
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com