Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 35 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 35 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 31Page - Microchip Technology AT24CSW01X Datasheet HTML 32Page - Microchip Technology AT24CSW01X Datasheet HTML 33Page - Microchip Technology AT24CSW01X Datasheet HTML 34Page - Microchip Technology AT24CSW01X Datasheet HTML 35Page - Microchip Technology AT24CSW01X Datasheet HTML 36Page - Microchip Technology AT24CSW01X Datasheet HTML 37Page - Microchip Technology AT24CSW01X Datasheet HTML 38Page - Microchip Technology AT24CSW01X Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DRAWING NO.
REV.
TITLE
GPC
4U-13
A
10/1/15
4U-13, 4-ball 2x2 Array, 0.40mm Pitch
Wafer Level Chip Scale Package (WLCSP) with BSC
GUJ
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.260
0.295
0.330
A1
—
0.070
—
A2
—
0.225
—
3
D
Contact Microchip for Details
d1
0.400 BSC
E
Contact Microchip for Details
e1
0.400 BSC
b
—
0.162
—
PIN ASSIGNMENT MATRIX
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1
2
A
B
V
CC
SDA
GND
SCL
d1
e1
E
D
b (4X)
A2
A1
A
k 0.075 C
k 0.015 (4X)
v
d
0.015
C
d
0.05
C A B
A1 CORNER
A1 CORNER
SEATING PLANE
B
A
2
1
B
A
1
2
d
m
m
Note: 1. Dimensions are NOT to scale.
2. Solder ball composition is 95.5Sn-4.0Ag-0.5Cu.
3. Product offered with Back Side Coating (BSC)
B
A
C
Note:  For the most current package drawings, please see the Microchip Packaging Specification located at http://
www.microchip.com/packaging.
AT24CSW01X/AT24CSW02X
Packaging Information
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com