Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 10 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 6Page - Microchip Technology AT24CSW01X Datasheet HTML 7Page - Microchip Technology AT24CSW01X Datasheet HTML 8Page - Microchip Technology AT24CSW01X Datasheet HTML 9Page - Microchip Technology AT24CSW01X Datasheet HTML 10Page - Microchip Technology AT24CSW01X Datasheet HTML 11Page - Microchip Technology AT24CSW01X Datasheet HTML 12Page - Microchip Technology AT24CSW01X Datasheet HTML 13Page - Microchip Technology AT24CSW01X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
...........continued
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Output Low Level
VOL2
—
—
0.4
V
VCC = 3.0V, IOL = 2.1 mA
Notes: 
1.
Typical values characterized at TA = +25°C unless otherwise noted.
2.
This parameter is characterized but is not 100% tested in production.
4.4
AC Characteristics
Table 4-3. AC Characteristics(1)
Parameter
Symbol
Standard Mode
Fast Mode
Fast Mode Plus
Units
VCC = 1.7V to 3.6V
VCC = 1.7V to 3.6V
VCC = 1.7V to 3.6V
Min.
Max.
Min.
Max.
Min.
Max.
Clock Frequency, SCL
fSCL
—
100
—
400
—
1000
kHz
Clock Pulse Width Low
tLOW
4,700
—
1,300
—
500
—
ns
Clock Pulse Width High
tHIGH
4,000
—
600
—
400
—
ns
Input Filter Spike
Suppression (SCL,SDA)(2)
tI
—
100
—
100
—
100
ns
Clock Low to Data Out
Valid
tAA
—
4,500
—
900
—
450
ns
Bus Free Time between
Stop and Start(2)
tBUF
4,700
—
1,300
—
500
—
ns
Start Hold Time
tHD.STA
4,000
—
600
—
250
—
ns
Start Set-up Time
tSU.STA
4,700
—
600
—
250
—
ns
Data In Hold Time
tHD.DAT
0
—
0
—
0
—
ns
Data In Set-up Time
tSU.DAT
200
—
100
—
100
—
ns
Inputs Rise Time(2)
tR
—
1,000
—
300
—
100
ns
Inputs Fall Time(2)
tF
—
300
—
300
—
100
ns
Stop Set-up Time
tSU.STO
4,700
—
600
—
250
—
ns
Write-Protect Setup Time
tSU.WP
4,000
—
600
—
100
—
ns
Write-Protect Hold Time
tHD.WP
4,000
—
600
—
400
—
ns
Data Out Hold Time
tDH
100
—
50
—
50
—
ns
Write Cycle Time
tWR
—
5
—
5
—
5
ms
Notes: 
1.
AC measurement conditions:
– CL: 100 pF
– RPUP (SDA bus line pull-up resistor to VCC): 1.3 kΩ (1000 kHz), 4 kΩ (400 kHz), 10 kΩ (100 kHz)
– Input pulse voltages: 0.3 x VCC to 0.7 x VCC
– Input rise and fall times: ≤50 ns
– Input and output timing reference voltages: 0.5 x VCC
2.
These parameters are determined through product characterization and are not 100% tested in production.
AT24CSW01X/AT24CSW02X
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com