Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 40Page - Dialog Semiconductor AT25PE20 Datasheet HTML 41Page - Dialog Semiconductor AT25PE20 Datasheet HTML 42Page - Dialog Semiconductor AT25PE20 Datasheet HTML 43Page - Dialog Semiconductor AT25PE20 Datasheet HTML 44Page - Dialog Semiconductor AT25PE20 Datasheet HTML 45Page - Dialog Semiconductor AT25PE20 Datasheet HTML 46Page - Dialog Semiconductor AT25PE20 Datasheet HTML 47Page - Dialog Semiconductor AT25PE20 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
43
AT25PE20
DS-25PE20–139C–8/2018
Note:
1.
Values are based on device characterization, not 100% tested in production.
f
CAR3
SCK Frequency for Continuous Read
(Low Power Mode – 01h Opcode)
15
15
MHz
tWH
SCK High Time
4
4
ns
t
WL
SCK Low Time
4
4
ns
t
SCKR
(1)
SCK Rise Time, Peak-to-peak
0.1
0.1
V/ns
tSCKF
(1)
SCK Fall Time, Peak-to-peak
0.1
0.1
V/ns
t
CS
Minimum CS High Time
20
20
ns
t
CSS
CS Setup Time
6
5
ns
tCSH
CS Hold Time
5
5
ns
t
SU
Data In Setup Time
2
2
ns
t
H
Data In Hold Time
1
1
ns
tHO
Output Hold Time
0
0
ns
t
DIS
(1)
Output Disable Time
8
6
ns
t
V
Output Valid
7
6
ns
tWPE
WP Low to Protection Enabled
1
1
µs
t
WPD
WP High to Protection Disabled
1
1
µs
t
EUDPD
(1)
CS High to Ultra-Deep Power-Down
3
3
µs
tCSLU
Minimum CS Low Time to Exit Ultra-Deep
Power-Down
20
20
ns
tXUDPD
Exit Ultra-Deep Power-Down Time
240
120
µs
t
EDPD
(1)
CS High to Deep Power-Down
2
2
µs
t
RDPD
Resume from Deep Power-Down Time
35
35
µs
tXFR
Page to Buffer Transfer Time
100
100
µs
t
COMP
Page to Buffer Compare Time
100
100
µs
t
RST
RESET Pulse Width
10
10
µs
tREC
RESET Recovery Time
1
1
µs
t
SWRST
Software Reset Time
35
35
µs
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Min
Typ
Max
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com