Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 5Page - Dialog Semiconductor AT25PE20 Datasheet HTML 6Page - Dialog Semiconductor AT25PE20 Datasheet HTML 7Page - Dialog Semiconductor AT25PE20 Datasheet HTML 8Page - Dialog Semiconductor AT25PE20 Datasheet HTML 9Page - Dialog Semiconductor AT25PE20 Datasheet HTML 10Page - Dialog Semiconductor AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
8
AT25PE20
DS-25PE20–139C–8/2018
5.3
Continuous Array Read (Low Frequency Mode: 03h Opcode)
This command can be used to read the main memory array sequentially at lower clock frequencies up to maximum
specified by f
CAR2. Unlike the previously described read commands, this Continuous Array Read command for lower
clock frequencies does not require the clocking in of dummy bytes after the address byte sequence. To perform a
Continuous Array Read using the optional DataFlash-L page size (264 bytes), the CS pin must first be asserted, and then
an opcode of 03h must be clocked into the device followed by three address bytes (which comprise the 24-bit page and
byte address sequence). The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify which page of the main
memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address sequence specify the starting byte address
within the page. To perform a Continuous Array Read using the default page size (256 bytes), the opcode 03h must be
clocked into the device followed by three address bytes (A17 - A0). Following the address bytes, additional clock pulses
on the SCK pin will result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When the end
of a page in the main memory is reached during a Continuous Array Read, the device will continue reading at the
beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the end of
one page to the beginning of the next page). When the last bit in the main memory array has been read, the device will
continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no delays will
be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR2 specification. The Continuous Array
Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
5.4
Continuous Array Read (Low Power Mode: 01h Opcode)
This command is ideal for applications that want to minimize power consumption and do not need to read the memory
array at high frequencies. Like the 03h opcode, this Continuous Array Read command allows reading the main memory
array sequentially without the need for dummy bytes to be clocked in after the address byte sequence. The memory can
be read at clock frequencies up to maximum specified by f
CAR3. To perform a Continuous Array Read using the optional
DataFlash-L page size (264 bytes), the CS pin must first be asserted, and then an opcode of 01h must be clocked into
the device followed by three address bytes (which comprise the 24-bit page and byte address sequence). The first 10
bits
(PA9 - PA0) of the 19-bit address sequence specify which page of the main memory array to read and the last nine bits
(BA8 - BA0) of the 19-bit address sequence specify the starting byte address within the page. To perform a Continuous
Array Read using the default page size (256 bytes), the opcode 01h must be clocked into the device followed by three
address bytes (A17 - A0). Following the address bytes, additional clock pulses on the SCK pin will result in data being
output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When the end
of a page in the main memory is reached during a Continuous Array Read, the device will continue reading at the
beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the end of
one page to the beginning of the next page). When the last bit in the main memory array has been read, the device will
continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no delays will
be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the f
CAR3 specification. The Continuous Array
Read bypasses the data buffer and leaves the contents of the Buffer unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com