Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 16Page - Dialog Semiconductor AT25PE20 Datasheet HTML 17Page - Dialog Semiconductor AT25PE20 Datasheet HTML 18Page - Dialog Semiconductor AT25PE20 Datasheet HTML 19Page - Dialog Semiconductor AT25PE20 Datasheet HTML 20Page - Dialog Semiconductor AT25PE20 Datasheet HTML 21Page - Dialog Semiconductor AT25PE20 Datasheet HTML 22Page - Dialog Semiconductor AT25PE20 Datasheet HTML 23Page - Dialog Semiconductor AT25PE20 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
19
AT25PE20
DS-25PE20–139C–8/2018
Figure 7-4.
Erase Sector Protection Register
7.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector Protection
Register command.
To program the Sector Protection Register, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be clocked
into the device followed by eight bytes of data corresponding to Sectors 0 through 7. After the last bit of the opcode
sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-timed program
cycle. The programming of the Sector Protection Register should take place in a maximum time of tP. During this time,
the RDY/BUSY bit in the Status Register will indicate that the device is busy. If the device is powered-down before the
completion of the erase cycle, then the contents of the Sector Protection Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of the
sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example:
If only the first two bytes are clocked in instead of the complete eight bytes, then the protection status of the
last six sectors cannot be guaranteed. Furthermore, if more than eight bytes of data is clocked into the
device, then the data will wrap back around to the beginning of the register. For instance, if nine bytes of
data are clocked in, then the ninth byte will be stored at byte location 0 of the Sector Protection Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0Xh, 3Xh, CXh, and FXh for Sector
0a or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-valid value is
clocked into a byte location of the Sector Protection Register, then the protection status of the sector corresponding to
that byte location cannot be guaranteed.
Example:
If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection status
of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being able to
reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily disable the
sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command utilizes the internal buffer for processing. Therefore, the contents of
the Buffer will be altered from its previous state when this command is issued.
Table 7-7.
Program Sector Protection Register Command
Figure 7-5.
Program Sector Protection Register
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3Dh
2Ah
7Fh
FCh
Data Byte
n
3Dh
2Ah
7Fh
FCh
Data Byte
n + 1
CS
Each transition represents eight bits
SI
Data Byte
n + 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com