Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 3Page - Dialog Semiconductor AT25PE20 Datasheet HTML 4Page - Dialog Semiconductor AT25PE20 Datasheet HTML 5Page - Dialog Semiconductor AT25PE20 Datasheet HTML 6Page - Dialog Semiconductor AT25PE20 Datasheet HTML 7Page - Dialog Semiconductor AT25PE20 Datasheet HTML 8Page - Dialog Semiconductor AT25PE20 Datasheet HTML 9Page - Dialog Semiconductor AT25PE20 Datasheet HTML 10Page - Dialog Semiconductor AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
6
AT25PE20
DS-25PE20–139C–8/2018
4.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their associated
opcodes are contained in Table 15-1 on page 35 through Table 15-4 on page 36. A valid instruction starts with the falling
edge of CS followed by the appropriate 8-bit opcode and the Buffer or main memory address location. While the CS pin
is low, toggling the SCK pin controls the loading of the opcode and the Buffer or main memory address location through
the SI (Serial Input) pin. All instructions, addresses, and data are transferred with the Most Significant Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in the Buffer. The three
address bytes will be comprised of a number of dummy bits and a number of actual device address bits, with the number
of dummy bits varying depending on the operation being performed and the selected device page size. Buffer addressing
for the optional DataFlash-L page size (264 bytes) is referenced in the datasheet using the terminology BFA8 - BFA0 to
denote the nine address bits required to designate a byte address within the Buffer. The main memory addressing is
referenced using the terminology PA9 - PA0 and BA8 - BA0, where PA9 - PA0 denotes the 10 address bits required to
designate a page address, and BA8 - BA0 denotes the nine address bits required to designate a byte address within the
page. Therefore, when using the optional DataFlash-L page size, a total of 22 address bits are used.
For the default page size (256 bytes), the Buffer addressing is referenced in the datasheet using the conventional
terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address within the Buffer. Main
memory addressing is referenced using the terminology A17 - A0, where A17 - A8 denotes the 10 address bits required
to designate a page address, and A7 - A0 denotes the eight address bits required to designate a byte address within a
page. Therefore, when using the default page size, a total of 21 address bits are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com