Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 3 Page - Dialog Semiconductor

  AT25PE20 Datasheet HTML 1Page - Dialog Semiconductor AT25PE20 Datasheet HTML 2Page - Dialog Semiconductor AT25PE20 Datasheet HTML 3Page - Dialog Semiconductor AT25PE20 Datasheet HTML 4Page - Dialog Semiconductor AT25PE20 Datasheet HTML 5Page - Dialog Semiconductor AT25PE20 Datasheet HTML 6Page - Dialog Semiconductor AT25PE20 Datasheet HTML 7Page - Dialog Semiconductor AT25PE20 Datasheet HTML 8Page - Dialog Semiconductor AT25PE20 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
2
AT25PE20
DS-25PE20–139C–8/2018
Description
The Adesto® AT25PE20 is a 1.65V minimum, serial-interface sequential access Flash memory is ideally suited for a wide
variety of digital voice, image, program code, and data storage applications. The AT25PE20 also supports the RapidS
serial interface for applications requiring very high speed operation. Its 2,162,688 bits of memory are organized as 1,024
pages of 256 bytes (default) or 264 bytes (customer option) each. In addition to the main memory, AT25PE20 also
contains one SRAM buffer of 256/264 bytes. The Buffer can be used as additional system scratch memory, and E2PROM
emulation
(bit or byte alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
Adesto DataFlash-L® uses a serial interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise,
and reduces package size. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, AT25PE20 does not require high input voltages for programming. The
device operates from a single 1.65V to 3.6V power supply for the erase and program and read operations. The
AT25PE20 is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting of the Serial Input
(SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
1.
Pin Configurations and Pinouts
Figure 1-1.
Pinouts
Note:
1.
The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND.
1
2
3
4
8
7
6
5
CS
SO
WP
GND
Vcc
RESET
SCK
SI
8-lead SOIC
Top View
CS
SO
WP
GND
Vcc
RESET
SCK
SI
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
(through package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com