Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 27Page - Dialog Semiconductor AT25PE20 Datasheet HTML 28Page - Dialog Semiconductor AT25PE20 Datasheet HTML 29Page - Dialog Semiconductor AT25PE20 Datasheet HTML 30Page - Dialog Semiconductor AT25PE20 Datasheet HTML 31Page - Dialog Semiconductor AT25PE20 Datasheet HTML 32Page - Dialog Semiconductor AT25PE20 Datasheet HTML 33Page - Dialog Semiconductor AT25PE20 Datasheet HTML 34Page - Dialog Semiconductor AT25PE20 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
30
AT25PE20
DS-25PE20–139C–8/2018
11.
Buffer and Page Size Configuration
The memory array of DataFlash-L devices is actually larger than other Serial Flash devices in that extra user-accessible
bytes are provided in each page of the memory array. For the AT25PE20, there are an extra eight bytes of memory in
each page for a total of an extra 8KB (64-Kbits) of user-accessible memory.
Some applications, however, may not want to take advantage of this extra memory and instead architect their software to
operate on a binary, logical addressing scheme. To allow this, the DataFlash-L can be configured so that the Buffer and
page sizes are 256 bytes instead of the optional 264 bytes. In addition, the configuration of the Buffer and page sizes is
reversible and can be changed from 264 bytes to 256 bytes or from 256 bytes to 264 bytes. The configured setting is
stored in an internal nonvolatile register so that the Buffer and page size configuration is not affected by power cycles.
The nonvolatile register has a limit of 10,000 erase/program cycles; therefore, care should be taken to not switch
between the size options more than 10,000 times.
Devices are initially shipped from Adesto with the Buffer and page sizes set to 256 bytes. To configure the device for
default page size (256 bytes), a 4-byte opcode sequence of 3Dh, 2Ah, 80h, and A6h must be clocked into the device.
After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to initiate the internally self-
timed configuration process and nonvolatile register program cycle. The programming of the nonvolatile register should
take place in a time of t
EP, during which time, the RDY/BUSY bit in the Status Register will indicate that the device is
busy. The device does not need to be power cycled after the completion of the configuration process and register
program cycle in order for the Buffer and page size to be configured to 256 bytes.
To configure the device for optional DataFlash-L page size (264 bytes), a 4-byte opcode sequence of 3Dh, 2Ah, 80h, and
A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initial the internally self-timed configuration process and nonvolatile register program cycle. The
programming of the nonvolatile register should take place in a time of t
EP, during which time, the RDY/BUSY bit in the
Status Register will indicate that the device is busy. The device does not need to be power cycled after the completion of
the configuration process and register program cycle in order for the Buffer and page size to be configured to 264 bytes.
Table 11-1.
Buffer and Page Size Configuration Commands
Figure 11-1. Buffer and Page Size Configuration
Command
Byte 1
Byte 2
Byte 3
Byte 4
Default DataFlash-L page size (256 bytes)
3Dh
2Ah
80h
A6h
Optional DataFlash-L page size (264 bytes)
3Dh
2Ah
80h
A7h
CS
SI
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com