Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 8Page - Dialog Semiconductor AT25PE20 Datasheet HTML 9Page - Dialog Semiconductor AT25PE20 Datasheet HTML 10Page - Dialog Semiconductor AT25PE20 Datasheet HTML 11Page - Dialog Semiconductor AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor AT25PE20 Datasheet HTML 14Page - Dialog Semiconductor AT25PE20 Datasheet HTML 15Page - Dialog Semiconductor AT25PE20 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
11
AT25PE20
DS-25PE20–139C–8/2018
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
6.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and Buffer to
Main Memory Page Program with Built-In Erase operations into a single operation to help simplify application firmware
development. With the Main Memory Page Program through Buffer with Built-In Erase command, data is first clocked
into the Buffer, the addressed page in memory is then automatically erased, and then the contents of the Buffer are
programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the optional DataFlash-L page size (264 bytes), an
opcode of 82h must first be clocked into the device followed by three address bytes comprised of five dummy bits,
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine buffer address bits
(BFA8 - BFA0) that select the first byte in the Buffer to be written.
To perform a Main Memory Page Program through Buffer using the default page size (256 bytes), an opcode of 82h must
first be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address bits
(A17 - A8) that specify the page in the main memory to be written, and eight address bits (A7 - A0) that selects the first
byte in the Buffer to be written.
After all address bytes have been clocked in, the device will take data from the input pin (SI) and store it in the Buffer. If
the end of the Buffer is reached, the device will wrap around back to the beginning of the Buffer. When there is a
low-to-high transition on the CS pin, the device will first erase the selected page in main memory (the erased state is a
Logic 1) and then program the data stored in the Buffer into that main memory page. Both the erasing and the
programming of the page are internally self-timed and should take place in a maximum time of t
EP. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates intelligent erase and programming algorithms that can detect when a byte location fails to
erase or program properly. If an erase or program error arises, it will be indicated by the EPE bit in the Status Register.
6.5
Main Memory Byte/Page Program through Buffer without Built-In Erase
The Main Memory Byte/Page Program through the Buffer without Built-In Erase combines both the Buffer Write and
Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to 256/264 bytes) to be
programmed directly into previously erased locations in the main memory array. With the Main Memory Byte/Page
Program through Buffer without Built-In Erase command, data is first clocked into Buffer, and then only the bytes clocked
into the Buffer are programmed into the pre-erased byte locations in main memory. Multiple bytes up to the page size can
be entered with one command sequence.
To perform a Main Memory Byte/Page Program through the Buffer using the optional DataFlash-L page size (264 bytes),
an opcode of 02h must first be clocked into the device followed by three address bytes comprised of five dummy bits,
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine buffer address bits
(BFA8 - BFA0) that select the first byte in the Buffer to be written. After all address bytes are clocked in, the device will
take data from the input pin (SI) and store it in the Buffer. Any number of bytes (1 to 264) can be entered. If the end of the
Buffer is reached, then the device will wrap around back to the beginning of the Buffer.
To perform a Main Memory Byte/Page Program through the Buffer using the default page size (256 bytes), an opcode of
02h must first be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address
bits (PA9 - PA0) that specify the page in the main memory to be written, and eight address bits (A7 - A0) that selects the
first byte in the Buffer to be written. After all address bytes are clocked in, the device will take data from the input pin (SI)
and store it in the Buffer. Any number of bytes (1 to 256) can be entered. If the end of the Buffer is reached, then the
device will wrap around back to the beginning of the Buffer. When using the default page size, the page and buffer
address bits correspond to an 18-bit logical address (A17-A0) in the main memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin will start the program
operation in which the device will program the data stored in the Buffer into the main memory array. Only the data bytes
that were clocked into the device will be programmed into the main memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com