Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 21Page - Dialog Semiconductor AT25PE20 Datasheet HTML 22Page - Dialog Semiconductor AT25PE20 Datasheet HTML 23Page - Dialog Semiconductor AT25PE20 Datasheet HTML 24Page - Dialog Semiconductor AT25PE20 Datasheet HTML 25Page - Dialog Semiconductor AT25PE20 Datasheet HTML 26Page - Dialog Semiconductor AT25PE20 Datasheet HTML 27Page - Dialog Semiconductor AT25PE20 Datasheet HTML 28Page - Dialog Semiconductor AT25PE20 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
24
AT25PE20
DS-25PE20–139C–8/2018
Table 9-2.
Status Register Format – Byte 2
Note:
1.
R = Readable only
2.
x = Don’t care. Can be “0” or “1”.
9.4.1
RDY/BUSY Bit
The RDY/BUSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress.
To poll the RDY/BUSY bit to detect the completion of an internally timed operation, new Status Register data must be
continually clocked out of the device until the state of the RDY/BUSY bit changes from a Logic 0 to a Logic 1 to indicate
completion.
9.4.2
COMP Bit
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using the COMP bit. If the
COMP bit is a Logic 1, then at least one bit of the data in the Main Memory Page does not match the data in the Buffer.
9.4.3
DENSITY Bits
The device density is indicated using the DENSITY bits. For the AT25PE20, the four bit binary value is 0101. The
decimal value of these four binary bits does not actually equate to the device density; the four bits represent a
combinational code relating to differing densities of DataFlash-L devices. The DENSITY bits are not the same as the
density code indicated in the JEDEC Device ID information. The DENSITY bits are provided only for backward
compatibility to older generation DataFlash-L devices.
9.4.4
PROTECT Bit
The PROTECT bit provides information to the user on whether or not the sector protection has been enabled or disabled,
either by the software-controlled method or the hardware-controlled method.
9.4.5
PAGE SIZE Bit
The PAGE SIZE bit indicates whether the Buffer size and the page size of the main memory array is configured for the
default page size (256 bytes) or the optional DataFlash-L page size (264 bytes).
Bit
Name
Type(1) Description
7
RDY/BUSY Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
RES
Reserved for Future Use
R
x
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
RES
Reserved for Future Use
R
x
Reserved for future use.
3
RES
Reserved for Future Use
R
x
Reserved for future use.
2
RES
Reserved for Future Use
R
x
Reserved for future use.
1
RES
Reserved for Future Use
R
x
Reserved for future use.
0
RES
Reserved for Future Use
R
x
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com