Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 12Page - Dialog Semiconductor AT25PE20 Datasheet HTML 13Page - Dialog Semiconductor AT25PE20 Datasheet HTML 14Page - Dialog Semiconductor AT25PE20 Datasheet HTML 15Page - Dialog Semiconductor AT25PE20 Datasheet HTML 16Page - Dialog Semiconductor AT25PE20 Datasheet HTML 17Page - Dialog Semiconductor AT25PE20 Datasheet HTML 18Page - Dialog Semiconductor AT25PE20 Datasheet HTML 19Page - Dialog Semiconductor AT25PE20 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
15
AT25PE20
DS-25PE20–139C–8/2018
6.10
Read-Modify-Write
A completely self-contained read-modify-write operation can be performed to reprogram any number of sequential bytes
in a page in the main memory array without affecting the rest of the bytes in the same page. This command allows the
device to easily emulate an EEPROM by providing a method to modify a single byte or more in the main memory in a
single operation, without the need for pre-erasing the memory or the need for any external RAM buffers. The
Read-Modify-Write command is essentially a combination of the Main Memory Page to Buffer Transfer, Buffer Write, and
Buffer to Main Memory Page Program with Built-in Erase commands.
To perform a Read-Modify-Write using the optional DataFlash-L page size (264 bytes), an opcode of 58h for Buffer 1
must be clocked into the device followed by three address bytes comprised of five dummy bits, 10 page address bits
(PA9 - PA0) that specify the page in the main memory to be written and nine byte address bits (BA8-BA0) that designate
the starting byte address within the page to reprogram.
To perform a Read-Modify-Write using the default page size (256 bytes), an opcode of 58h for Buffer 1 must be clocked
into the device followed by three address bytes comprised of six dummy bits, 10 page address bits (A17 - A8) that
specify the page in the main memory to be written and eight byte address bits (A7-A0) that designate the starting byte
address within the page to reprogram.
After the address bytes have been clocked in, any number of sequential data bytes from one to 256/264 bytes can be
clocked into the device. If the end of the buffer is reached when clocking in the data, then the device will wrap around
back to the beginning of the buffer. After all data bytes have been clocked into the device, a low-to-high transition on the
CS pin will start the self-contained, internal read-modify-write operation. Only the data bytes that were clocked into the
device will be reprogrammed in the main memory.
Example:
If only one data byte was clocked into the device, then only one byte in main memory will be reprogrammed
and the remaining bytes in the main memory page will remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the operation will be aborted and
no data will be programmed. The reprogramming of the data bytes is internally self-timed and should take place in a
maximum time of t
P. During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location fails to
erase or program properly. If an erase or program error arises, it will be indicated by the EPE bit in the Status Register.
Note:
The Read-Modify-Write command uses the same opcodes as the Auto Page Rewrite command. If no data bytes
are clocked into the device, then the device will perform an Auto Page Rewrite operation. See the Auto Page
Rewrite command description on page 22 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com