Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE20 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # AT25PE20
Description  2-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE20 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button AT25PE20 Datasheet HTML 30Page - Dialog Semiconductor AT25PE20 Datasheet HTML 31Page - Dialog Semiconductor AT25PE20 Datasheet HTML 32Page - Dialog Semiconductor AT25PE20 Datasheet HTML 33Page - Dialog Semiconductor AT25PE20 Datasheet HTML 34Page - Dialog Semiconductor AT25PE20 Datasheet HTML 35Page - Dialog Semiconductor AT25PE20 Datasheet HTML 36Page - Dialog Semiconductor AT25PE20 Datasheet HTML 37Page - Dialog Semiconductor AT25PE20 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
33
AT25PE20
DS-25PE20–139C–8/2018
13.
Software Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The
Software Reset command allows a program or erase operation in progress to be ended abruptly and returns the device
to an idle state.
To perform a Software Reset, the CS pin must be asserted and a 4-byte command sequence of F0h, 00h, 00h, and 00h
must be clocked into the device. Any additional data clocked into the device after the last byte will be ignored. When the
CS pin is deasserted, the program or erase operation currently in progress will be terminated within a time tSWRST. Since
the program or erase operation may not complete before the device is reset, the contents of the page being programmed
or erased cannot be guaranteed to be valid.
The Software Reset command has no effect on the states of the Sector Protection Register or the Buffer and page size
configuration.
The complete 4-byte opcode must be clocked into the device before the CS pin is deasserted; otherwise, no reset
operation will be performed.
Table 13-1. Software Reset
Figure 13-1. Software Reset
Command
Byte 1
Byte 2
Byte 3
Byte 4
Software Reset
F0h
00h
00h
00h
CS
SI
F0h
00h
00h
00h
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com