Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8818SCCZ-EP-R2 Datasheet HTML 1Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 2Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 3Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 4Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 3 of 36
SPECIFICATIONS
TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (f3dB)
3 dB cutoff
Bypass Configuration
2
18
GHz
HPF 1
State 0
1.75
GHz
State 15
3.55
GHz
HPF 2
State 0
3.40
GHz
State 15
7.25
GHz
HPF 3
State 0
6.60
GHz
State 15
12.00
GHz
HPF 4
State 0
12.50
GHz
State 15
19.90
GHz
LPF 1
State 0
2.05
GHz
State 15
3.85
GHz
LPF 2
State 0
3.35
GHz
State 15
7.25
GHz
LPF 3
State 0
7.00
GHz
State 15
13.00
GHz
LPF 4
State 0
12.55
GHz
State 15
18.85
GHz
INSERTION LOSS
Bypass Configuration
2 GHz
−3.2
dB
10 GHz
−4.4
dB
18 GHz
−6.0
dB
2 GHz to 6 GHz
−7.3
dB
HPF 1 State 2 and LPF 2 State 11
6 GHz to 10 GHz
−8.6
dB
HPF 2 State 11 and LPF 3 State 8
10 GHz to 14 GHz
−11.8
dB
HPF 3 State 10 and LPF 4 State 5
14 GHz to 18 GHz
−14.6
dB
HPF 4 State 5 and LPF 4 State 13
BANDWIDTH (3 dB)
Smaller bandwidth possible with more insertion
loss
2 GHz to 10 GHz
0.5 to 4
GHz
10 GHz to 18 GHz
1 to 4
GHz
RESOLUTION
4 bits per filter (LPF and HPF)
HPF 1
0.12
GHz
HPF 2
0.26
GHz
HPF 3
0.36
GHz
HPF 4
0.49
GHz
LPF 1
0.12
GHz
LPF 2
0.26
GHz
LPF 3
0.40
GHz
LPF 4
0.42
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com