Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 12 of 36
HPF AND LPF CONFIGURATION
20
0
0
15
HPF STATE
2
4
6
8
10
12
14
16
18
1
2
3
4
5 6
7
8
9 10 11 12 13 14
HPF 1
HPF 2
HPF 3
HPF 4
Figure 19. 3 dB Cutoff Frequency vs. HPF State, HPF Configuration
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
20
RF FREQUENCY (GHz)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
STATE 0
STATE 1
STATE 2
STATE 3
STATE 4
STATE 5
STATE 6
STATE 7
STATE 8
STATE 9
STATE 10
STATE 11
STATE 12
STATE 13
STATE 14
STATE 15
HPF STATES 0 TO 5 ONLY
Figure 20. Insertion Loss vs. RF Frequency, HPF 1 Configuration Swept
HPF State
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
20
RF FREQUENCY (GHz)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
STATE 0
STATE 1
STATE 2
STATE 3
STATE 4
STATE 5
STATE 6
STATE 7
STATE 8
STATE 9
STATE 10
STATE 11
STATE 12
STATE 13
STATE 14
STATE 15
Figure 21. Insertion Loss vs. RF Frequency, HPF 2 Configuration Swept
HPF State
20
18
16
14
12
10
8
6
4
2
0
0
15
LPF STATE
1
2
3
4
5 6
7
8
9 10 11 12 13 14
LPF 1
LPF 2
LPF 3
LPF 4
Figure 22. 3 dB Cutoff Frequency vs. LPF State, LPF Configuration
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10
RF FREQUENCY (GHz)
2
4
6
8
STATE 0
STATE 1
STATE 2
STATE 3
STATE 4
STATE 5
STATE 6
STATE 7
STATE 8
STATE 9
STATE 10
STATE 11
STATE 12
STATE 13
STATE 14
STATE 15
Figure 23. Insertion Loss vs. RF Frequency, LPF 1 Configuration Swept
LPF State
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
20
RF FREQUENCY (GHz)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
STATE 0
STATE 1
STATE 2
STATE 3
STATE 4
STATE 5
STATE 6
STATE 7
STATE 8
STATE 9
STATE 10
STATE 11
STATE 12
STATE 13
STATE 14
STATE 15
Figure 24. Insertion Loss vs. RF Frequency, LPF 2 Configuration Swept
LPF State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com