Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 11 of 36
BOARD LOSS AND BYPASS CONFIGURATION DATA
0
–35
0
40
RF FREQUENCY (GHz)
–30
–25
–20
–15
–10
–5
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
BOARD LOSS AND BYPASS CONFIGURATION
BYPASS CONFIGURATION
BOARD LOSS
Figure 16. Insertion Loss vs. RF Frequency for Board Loss and
Bypass Configuration
–60
INPUT RETURN LOSS
OUTPUT RETURN LOSS
0
0
40
RF FREQUENCY (GHz)
–30
–35
–40
–45
–50
–55
–25
–20
–15
–10
–5
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
Figure 17. Input and Output Return Loss vs. RF Frequency in
Bypass Configuration
0
10
20
30
40
50
5
15
25
35
45
55
60
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
1
3
5
7
9
11
13 15 17 19 21 23 25
Figure 18. Input IP3 vs. RF Frequency for Various Temperatures,
Bypass Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com