Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 21 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x114
LUT10_SW
[7:0]
SW_IN_
SET_10
SW_OUT_
SET_10
SW_IN_10
SW_OUT_10
0x00
R/W
0x115
LUT10_FILTER
[7:0]
HPF_10
LPF_10
0x00
R/W
0x116
LUT11_SW
[7:0]
SW_IN_
SET_11
SW_OUT_
SET_11
SW_IN_11
SW_OUT_11
0x00
R/W
0x117
LUT11_FILTER
[7:0]
HPF_11
LPF_11
0x00
R/W
0x118
LUT12_SW
[7:0]
SW_IN_
SET_12
SW_OUT_
SET_12
SW_IN_12
SW_OUT_12
0x00
R/W
0x119
LUT12_FILTER
[7:0]
HPF_12
LPF_12
0x00
R/W
0x11A
LUT13_SW
[7:0]
SW_IN_
SET_13
SW_OUT_
SET_13
SW_IN_13
SW_OUT_13
0x00
R/W
0x11B
LUT13_FILTER
[7:0]
HPF_13
LPF_13
0x00
R/W
0x11C
LUT14_SW
[7:0]
SW_IN_
SET_14
SW_OUT_
SET_14
SW_IN_14
SW_OUT_14
0x00
R/W
0x11D
LUT14_FILTER
[7:0]
HPF_14
LPF_14
0x00
R/W
0x11E
LUT15_SW
[7:0]
SW_IN_
SET_15
SW_OUT_
SET_15
SW_IN_15
SW_OUT_15
0x00
R/W
0x11F
LUT15_FILTER
[7:0]
HPF_15
LPF_15
0x00
R/W
0x120
LUT16_SW
[7:0]
SW_IN_
SET_16
SW_OUT_
SET_16
SW_IN_16
SW_OUT_16
0x00
R/W
0x121
LUT16_FILTER
[7:0]
HPF_16
LPF_16
0x00
R/W
0x122
LUT17_SW
[7:0]
SW_IN_
SET_17
SW_OUT_
SET_17
SW_IN_17
SW_OUT_17
0x00
R/W
0x123
LUT17_FILTER
[7:0]
HPF_17
LPF_17
0x00
R/W
0x124
LUT18_SW
[7:0]
SW_IN_
SET_18
SW_OUT_
SET_18
SW_IN_18
SW_OUT_18
0x00
R/W
0x125
LUT18_FILTER
[7:0]
HPF_18
LPF_18
0x00
R/W
0x126
LUT19_SW
[7:0]
SW_IN_
SET_19
SW_OUT_
SET_19
SW_IN_19
SW_OUT_19
0x00
R/W
0x127
LUT19_FILTER
[7:0]
HPF_19
LPF_19
0x00
R/W
0x128
LUT20_SW
[7:0]
SW_IN_
SET_20
SW_OUT_
SET_20
SW_IN_20
SW_OUT_20
0x00
R/W
0x129
LUT20_FILTER
[7:0]
HPF_20
LPF_20
0x00
R/W
0x12A
LUT21_SW
[7:0]
SW_IN_
SET_21
SW_OUT_
SET_21
SW_IN_21
SW_OUT_21
0x00
R/W
0x12B
LUT21_FILTER
[7:0]
HPF_21
LPF_21
0x00
R/W
0x12C
LUT22_SW
[7:0]
SW_IN_
SET_22
SW_OUT_
SET_22
SW_IN_22
SW_OUT_22
0x00
R/W
0x12D
LUT22_FILTER
[7:0]
HPF_22
LPF_22
0x00
R/W
0x12E
LUT23_SW
[7:0]
SW_IN_
SET_23
SW_OUT_
SET_23
SW_IN_23
SW_OUT_23
0x00
R/W
0x12F
LUT23_FILTER
[7:0]
HPF_23
LPF_23
0x00
R/W
0x130
LUT24_SW
[7:0]
SW_IN_
SET_24
SW_OUT_
SET_24
SW_IN_24
SW_OUT_24
0x00
R/W
0x131
LUT24_FILTER
[7:0]
HPF_24
LPF_24
0x00
R/W
0x132
LUT25_SW
[7:0]
SW_IN_
SET_25
SW_OUT_
SET_25
SW_IN_25
SW_OUT_25
0x00
R/W
0x133
LUT25_FILTER
[7:0]
HPF_25
LPF_25
0x00
R/W
0x134
LUT26_SW
[7:0]
SW_IN_
SET_26
SW_OUT_
SET_26
SW_IN_26
SW_OUT_26
0x00
R/W
0x135
LUT26_FILTER
[7:0]
HPF_26
LPF_26
0x00
R/W
0x136
LUT27_SW
[7:0]
SW_IN_
SET_27
SW_OUT_
SET_27
SW_IN_27
SW_OUT_27
0x00
R/W
0x137
LUT27_FILTER
[7:0]
HPF_27
LPF_27
0x00
R/W
0x138
LUT28_SW
[7:0]
SW_IN_
SET_28
SW_OUT_
SET_28
SW_IN_28
SW_OUT_28
0x00
R/W
0x139
LUT28_FILTER
[7:0]
HPF_28
LPF_28
0x00
R/W
0x13A
LUT29_SW
[7:0]
SW_IN_
SET_29
SW_OUT_
SET_29
SW_IN_29
SW_OUT_29
0x00
R/W
0x13B
LUT29_FILTER
[7:0]
HPF_29
LPF_29
0x00
R/W
0x13C
LUT30_SW
[7:0]
SW_IN_
SET_30
SW_OUT_
SET_30
SW_IN_30
SW_OUT_30
0x00
R/W
0x13D
LUT30_FILTER
[7:0]
HPF_30
LPF_30
0x00
R/W
0x13E
LUT31_SW
[7:0]
SW_IN_
SET_31
SW_OUT_
SET_31
SW_IN_31
SW_OUT_31
0x00
R/W
0x13F
LUT31_FILTER
[7:0]
HPF_31
LPF_31
0x00
R/W
0x140
LUT32_SW
[7:0]
SW_IN_
SET_32
SW_OUT_
SET_32
SW_IN_32
SW_OUT_32
0x00
R/W
0x141
LUT32_FILTER
[7:0]
HPF_32
LPF_32
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com