Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 3Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 4Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
SUPPLY
VDD1
−0.3 V to +2.8 V
VDD2
−0.3 V to +3.6 V
VSS1
−3.6 V to +0.3 V
Digital Control Inputs
Voltage
−0.3 V to VDD2 + 0.3 V
Current
2 mA
RF Input Power1
20 dBm
Temperature
Operating Range
−55°C to +105°C
Storage Range
−65°C to +150°C
Junction to Maintain 1,000,000 Hours
Mean Time to Failure (MTTF)
135°C
Nominal Junction (TPADDLE = 85°C)
90°C
Moisture Sensitivity Level (MSL) Rating
MSL3
1
Maximum RF input power valid for frequencies above 1 GHz. For incident
signals below this frequency, contact Analog Devices, Inc., to discuss the use
case scenario.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-
2010.
Field induced charged device model (FICDM) per JEDEC
JESD22-C101E and ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADMV8818-EP
Table 4. ADMV8818-EP, 56-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
2000
2
FICDM
5001
III
7502
C2b
1
Per JEDEC JESD22-C101E.
2
Per ANSI/ESDA/JEDEC JS-002.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com