Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 22 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x142
LUT33_SW
[7:0]
SW_IN_
SET_33
SW_OUT_
SET_33
SW_IN_33
SW_OUT_33
0x00
R/W
0x143
LUT33_FILTER
[7:0]
HPF_33
LPF_33
0x00
R/W
0x144
LUT34_SW
[7:0]
SW_IN_
SET_34
SW_OUT_
SET_34
SW_IN_34
SW_OUT_34
0x00
R/W
0x145
LUT34_FILTER
[7:0]
HPF_34
LPF_34
0x00
R/W
0x146
LUT35_SW
[7:0]
SW_IN_
SET_35
SW_OUT_
SET_35
SW_IN_35
SW_OUT_35
0x00
R/W
0x147
LUT35_FILTER
[7:0]
HPF_35
LPF_35
0x00
R/W
0x148
LUT36_SW
[7:0]
SW_IN_
SET_36
SW_OUT_
SET_36
SW_IN_36
SW_OUT_36
0x00
R/W
0x149
LUT36_FILTER
[7:0]
HPF_36
LPF_36
0x00
R/W
0x14A
LUT37_SW
[7:0]
SW_IN_
SET_37
SW_OUT_
SET_37
SW_IN_37
SW_OUT_37
0x00
R/W
0x14B
LUT37_FILTER
[7:0]
HPF_37
LPF_37
0x00
R/W
0x14C
LUT38_SW
[7:0]
SW_IN_
SET_38
SW_OUT_
SET_38
SW_IN_38
SW_OUT_38
0x00
R/W
0x14D
LUT38_FILTER
[7:0]
HPF_38
LPF_38
0x00
R/W
0x14E
LUT39_SW
[7:0]
SW_IN_
SET_39
SW_OUT_
SET_39
SW_IN_39
SW_OUT_39
0x00
R/W
0x14F
LUT39_FILTER
[7:0]
HPF_39
LPF_39
0x00
R/W
0x150
LUT40_SW
[7:0]
SW_IN_
SET_40
SW_OUT_
SET_40
SW_IN_40
SW_OUT_40
0x00
R/W
0x151
LUT40_FILTER
[7:0]
HPF_40
LPF_40
0x00
R/W
0x152
LUT41_SW
[7:0]
SW_IN_
SET_41
SW_OUT_
SET_41
SW_IN_41
SW_OUT_41
0x00
R/W
0x153
LUT41_FILTER
[7:0]
HPF_41
LPF_41
0x00
R/W
0x154
LUT42_SW
[7:0]
SW_IN_
SET_42
SW_OUT_
SET_42
SW_IN_42
SW_OUT_42
0x00
R/W
0x155
LUT42_FILTER
[7:0]
HPF_42
LPF_42
0x00
R/W
0x156
LUT43_SW
[7:0]
SW_IN_
SET_43
SW_OUT_
SET_43
SW_IN_43
SW_OUT_43
0x00
R/W
0x157
LUT43_FILTER
[7:0]
HPF_43
LPF_43
0x00
R/W
0x158
LUT44_SW
[7:0]
SW_IN_
SET_44
SW_OUT_
SET_44
SW_IN_44
SW_OUT_44
0x00
R/W
0x159
LUT44_FILTER
[7:0]
HPF_44
LPF_44
0x00
R/W
0x15A
LUT45_SW
[7:0]
SW_IN_
SET_45
SW_OUT_
SET_45
SW_IN_45
SW_OUT_45
0x00
R/W
0x15B
LUT45_FILTER
[7:0]
HPF_45
LPF_45
0x00
R/W
0x15C
LUT46_SW
[7:0]
SW_IN_
SET_46
SW_OUT_
SET_46
SW_IN_46
SW_OUT_46
0x00
R/W
0x15D
LUT46_FILTER
[7:0]
HPF_46
LPF_46
0x00
R/W
0x15E
LUT47_SW
[7:0]
SW_IN_
SET_47
SW_OUT_
SET_47
SW_IN_47
SW_OUT_47
0x00
R/W
0x15F
LUT47_FILTER
[7:0]
HPF_47
LPF_47
0x00
R/W
0x160
LUT48_SW
[7:0]
SW_IN_
SET_48
SW_OUT_
SET_48
SW_IN_48
SW_OUT_48
0x00
R/W
0x161
LUT48_FILTER
[7:0]
HPF_48
LPF_48
0x00
R/W
0x162
LUT49_SW
[7:0]
SW_IN_
SET_49
SW_OUT_
SET_49
SW_IN_49
SW_OUT_49
0x00
R/W
0x163
LUT49_FILTER
[7:0]
HPF_49
LPF_49
0x00
R/W
0x164
LUT50_SW
[7:0]
SW_IN_
SET_50
SW_OUT_
SET_50
SW_IN_50
SW_OUT_50
0x00
R/W
0x165
LUT50_FILTER
[7:0]
HPF_50
LPF_50
0x00
R/W
0x166
LUT51_SW
[7:0]
SW_IN_
SET_51
SW_OUT_
SET_51
SW_IN_51
SW_OUT_51
0x00
R/W
0x167
LUT51_FILTER
[7:0]
HPF_51
LPF_51
0x00
R/W
0x168
LUT52_SW
[7:0]
SW_IN_
SET_52
SW_OUT_
SET_52
SW_IN_52
SW_OUT_52
0x00
R/W
0x169
LUT52_FILTER
[7:0]
HPF_52
LPF_52
0x00
R/W
0x16A
LUT53_SW
[7:0]
SW_IN_
SET_53
SW_OUT_
SET_53
SW_IN_53
SW_OUT_53
0x00
R/W
0x16B
LUT53_FILTER
[7:0]
HPF_53
LPF_53
0x00
R/W
0x16C
LUT54_SW
[7:0]
SW_IN_
SET_54
SW_OUT_
SET_54
SW_IN_54
SW_OUT_54
0x00
R/W
0x16D
LUT54_FILTER
[7:0]
HPF_54
LPF_54
0x00
R/W
0x16E
LUT55_SW
[7:0]
SW_IN_
SET_55
SW_OUT_
SET_55
SW_IN_55
SW_OUT_55
0x00
R/W
0x16F
LUT55_FILTER
[7:0]
HPF_55
LPF_55
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com