Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 20 of 36
REGISTER SUMMARY
Table 6. ADMV8818-EP Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
ADI_SPI_
CONFIG_A
[7:0]
SOFTRESET_
LSB_FIRST_
ENDIAN_
SDOACTIVE_
SDOACTIVE
ENDIAN
LSB_FIRST
SOFTRESET
0x00
R/W
0x001
ADI_SPI_
CONFIG_B
[7:0]
SINGLE_
INSTRUCTION
CSB_STALL
MASTER_
SLAVE_RB
RESERVED
MASTER_
SLAVE_
TRANSFER
0x00
R/W
0x003
CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0x004
PRODUCT_ID_L
[7:0]
PRODUCT_ID_L
0x18
R
0x005
PRODUCT_ID_H
[7:0]
PRODUCT_ID_H
0x88
R
0x010
FAST_LATCH_
POINTER
[7:0]
FAST_
LATCH_
LOAD
FAST_LATCH_POINTER
0x00
R/W
0x011
FAST_LATCH_
STOP
[7:0]
RESERVED
FAST_LATCH_STOP
0x7F
R/W
0x012
FAST_LATCH_
START
[7:0]
RESERVED
FAST_LATCH_START
0x00
R/W
0x013
FAST_LATCH_
DIRECTION
[7:0]
RESERVED
FAST_
LATCH_
DIRECTION
0x00
R/W
0x014
FAST_LATCH_
STATE
[7:0]
RESERVED
FAST_LATCH_STATE
0x00
R
0x020
WR0_SW
[7:0]
SW_IN_
SET_WR0
SW_OUT_
SET_WR0
SW_IN_WR0
SW_OUT_WR0
0x00
R/W
0x021
WR0_FILTER
[7:0]
HPF_WR0
LPF_WR0
0x00
R/W
0x022
WR1_SW
[7:0]
SW_IN_
SET_WR1
SW_OUT_
SET_WR1
SW_IN_WR1
SW_OUT_WR1
0x00
R/W
0x023
WR1_FILTER
[7:0]
HPF_WR1
LPF_WR1
0x00
R/W
0x024
WR2_SW
[7:0]
SW_IN_
SET_WR2
SW_OUT_
SET_WR2
SW_IN_WR2
SW_OUT_WR2
0x00
R/W
0x025
WR2_FILTER
[7:0]
HPF_WR2
LPF_WR2
0x00
R/W
0x026
WR3_SW
[7:0]
SW_IN_
SET_WR3
SW_OUT_
SET_WR3
SW_IN_WR3
SW_OUT_WR3
0x00
R/W
0x027
WR3_FILTER
[7:0]
HPF_WR3
LPF_WR3
0x00
R/W
0x028
WR4_SW
[7:0]
SW_IN_
SET_WR4
SW_OUT_
SET_WR4
SW_IN_WR4
SW_OUT_WR4
0x00
R/W
0x029
WR4_FILTER
[7:0]
HPF_WR4
LPF_WR4
0x00
R/W
0x100
LUT0_SW
[7:0]
SW_IN_
SET_0
SW_OUT_
SET_0
SW_IN_0
SW_OUT_0
0x00
R/W
0x101
LUT0_FILTER
[7:0]
HPF_0
LPF_0
0x00
R/W
0x102
LUT1_SW
[7:0]
SW_IN_
SET_1
SW_OUT_
SET_1
SW_IN_1
SW_OUT_1
0x00
R/W
0x103
LUT1_FILTER
[7:0]
HPF_1
LPF_1
0x00
R/W
0x104
LUT2_SW
[7:0]
SW_IN_
SET_2
SW_OUT_
SET_2
SW_IN_2
SW_OUT_2
0x00
R/W
0x105
LUT2_FILTER
[7:0]
HPF_2
LPF_2
0x00
R/W
0x106
LUT3_SW
[7:0]
SW_IN_
SET_3
SW_OUT_
SET_3
SW_IN_3
SW_OUT_3
0x00
R/W
0x107
LUT3_FILTER
[7:0]
HPF_3
LPF_3
0x00
R/W
0x108
LUT4_SW
[7:0]
SW_IN_
SET_4
SW_OUT_
SET_4
SW_IN_4
SW_OUT_4
0x00
R/W
0x109
LUT4_FILTER
[7:0]
HPF_4
LPF_4
0x00
R/W
0x10A
LUT5_SW
[7:0]
SW_IN_
SET_5
SW_OUT_
SET_5
SW_IN_5
SW_OUT_5
0x00
R/W
0x10B
LUT5_FILTER
[7:0]
HPF_5
LPF_5
0x00
R/W
0x10C
LUT6_SW
[7:0]
SW_IN_
SET_6
SW_OUT_
SET_6
SW_IN_6
SW_OUT_6
0x00
R/W
0x10D
LUT6_FILTER
[7:0]
HPF_6
LPF_6
0x00
R/W
0x10E
LUT7_SW
[7:0]
SW_IN_
SET_7
SW_OUT_
SET_7
SW_IN_7
SW_OUT_7
0x00
R/W
0x10F
LUT7_FILTER
[7:0]
HPF_7
LPF_7
0x00
R/W
0x110
LUT8_SW
[7:0]
SW_IN_
SET_8
SW_OUT_
SET_8
SW_IN_8
SW_OUT_8
0x00
R/W
0x111
LUT8_FILTER
[7:0]
HPF_8
LPF_8
0x00
R/W
0x112
LUT9_SW
[7:0]
SW_IN_
SET_9
SW_OUT_
SET_9
SW_IN_9
SW_OUT_9
0x00
R/W
0x113
LUT9_FILTER
[7:0]
HPF_9
LPF_9
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com