Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
4 GHz CONSTANT BANDWIDTH DATA
0
–60
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
RF FREQUENCY (GHz)
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
HPF 1 AND LPF 2
HPF 2 AND LPF 3
HPF 3 AND LPF 4
HPF 4 AND LPF 4
Figure 4. Insertion Loss vs. RF Frequency at 4 GHz Constant Bandwidth
–50
0
16
RF FREQUENCY (GHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
INPUT RETURN LOSS
INSERTION LOSS
OUTPUT RETURN LOSS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Figure 5. Input and Output Return Loss and Insertion Loss vs. RF Frequency,
HPF 1 and LPF 2 Band at 4 GHz Constant Bandwidth
–50
2
18
16 17
RF FREQUENCY (GHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
3 4 5 6 7 8 9 10 11 12 13 14 15
INPUT RETURN LOSS
INSERTION LOSS
OUTPUT RETURN LOSS
Figure 6. Input and Output Return Loss and Insertion Loss vs. RF Frequency,
HPF 2 and LPF 3 Band at 4 GHz Constant Bandwidth
0
–2
–4
–6
–8
–10
–22
–24
–26
–28
–30
–14
–16
–18
–20
–12
RF FREQUENCY (GHz)
0
2
4
6
8
10
12
20
14
16
18
−55°C
−40°C
+25°C
+85°C
+105°C
HPF 1
AND
LPF 2
HPF 2
AND
LPF 3
HPF 3
AND
LPF 4
HPF 4
AND
LPF 4
Figure 7. Insertion Loss vs. RF Frequency at 4 GHz Constant Bandwidth and
Various Temperatures
–50
6
22
19 20 21
18
16 17
RF FREQUENCY (GHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
7 8 9 10 11 12 13 14 15
INPUT RETURN LOSS
INSERTION LOSS
OUTPUT RETURN LOSS
Figure 8. Input and Output Return Loss and Insertion Loss vs. RF Frequency,
HPF 3 and LPF 4 Band at 4 GHz Constant Bandwidth
–50
8
24
22 23
19 20 21
18
16 17
RF FREQUENCY (GHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
9 10 11 12 13 14 15
INPUT RETURN LOSS
INSERTION LOSS
OUTPUT RETURN LOSS
Figure 9. Input and Output Return Loss and Insertion Loss vs. RF Frequency,
HPF 4 and LPF 4 Band at 4 GHz Constant Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com