Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8818SCCZ-EP-R2 Datasheet HTML 1Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 2Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 3Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 4Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
2 GHz to 18 GHz, Digitally Tunable,
High-Pass and Low-Pass Filter
Enhanced Product
ADMV8818-EP
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digitally tunable, multioctave, high-pass and low-pass tuning
Independent 3 dB frequency control for up to 4 GHz of
bandwidth
Optimal wideband rejection: 35 dB
Single chip replacement for discrete filter banks
Compact 9 mm × 9 mm, 56-terminal LGA package
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range of −55°C to +105°C
Controlled manufacturing baseline
One assembly and test site
One fabrication site
Production change notification
Qualification data available on request
APPLICATIONS
Test and measurement equipment
Military radar, electronic warfare, and electronic
countermeasures
Satellite communications and space
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV8818-EP is a fully monolithic microwave integrated
circuit (MMIC) that features a digitally selectable frequency of
operation. The device features four independently controlled high-
pass filters (HPFs) and four independently controlled low-pass
filters (LPFs) that span the 2 GHz to 18 GHz frequency range.
The flexible architecture of the ADMV8818-EP allows the 3 dB
cutoff frequency (f3dB) of the high-pass and low-pass filters to be
controlled independently to generate up to 4 GHz of bandwidth.
The digital logic control on each filter is 4 bits wide (16 states) and
controls the on-chip reactive elements to adjust the f3dB. The typical
insertion loss is 9 dB, and the wideband rejection is 35 dB, which is
ideally suited for minimizing system harmonics.
This tunable filter can be used as a smaller alternative to large
switched filter banks and cavity tuned filters, and this device
provides a dynamically adjustable solution in advanced
communications applications.
FUNCTIONAL BLOCK DIAGRAM
SPI
ADMV8818-EP
GND
14
13
12
11
10
9
8
7
5
4
3
2
1
6
GND
GND
GND
GND
GND
RFIN
GND
GND
GND
GND
GND
GND
RST
29
30
31
32
33
34
35
36
37
38
39
40
41
42
GND
VSS1 (–2.5V)
GND
VDD2 (+3.3V)
GND
GND
RFOUT
GND
GND
GND
GND
VDD1 (+2.5V)
GND
GND
BYPASS
2
BYPASS
2
1
3
4
3
1
4
Figure 1.


Similar Part No. - ADMV8818SCCZ-EP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8818SCCZ-EP AD-ADMV8818SCCZ-EP Datasheet
998Kb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
12/2020-Revision 0
More results

Similar Description - ADMV8818SCCZ-EP-R2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
2.4 GHz to 4 GHz, Tunable Low-Pass Filter
4/2019-Revision 0
HMC882A AD-HMC882A Datasheet
473Kb / 11P
3.95 GHz to 6.9 GHz, Tunable Low-Pass Filter
2/2019-Revision 0
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8818 AD-ADMV8818 Datasheet
998Kb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
12/2020-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com