Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADMV8818SCCZ-EP-R2 Datasheet HTML 1Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 2Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 3Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 4Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 4 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
WIDEBAND REJECTION FREQUENCY OFFSET
Measured at 35 dB rejection
HPF 1
State 0
−0.65
ΔGHz
State 15
−1.25
ΔGHz
HPF 2
State 0
−0.85
ΔGHz
State 15
−2.00
ΔGHz
HPF 3
State 0
−1.15
ΔGHz
State 15
−1.90
ΔGHz
HPF 4
State 0
−2.35
ΔGHz
State 15
−3.10
ΔGHz
LPF 1
State 0
0.70
ΔGHz
State 15
1.00
ΔGHz
LPF 2
State 0
0.90
ΔGHz
State 15
1.60
ΔGHz
LPF 3
State 0
2.30
ΔGHz
State 15
3.10
ΔGHz
LPF 4
State 0
2.50
ΔGHz
State 15
3.95
ΔGHz
RE-ENTRY FREQUENCY
32
GHz
≤35 dB
RETURN LOSS
10
dB
DYNAMIC PERFORMANCE
Input Power for 0.1 dB Compression
(P0.1dB)
18
dBm
Input Third-Order Intercept (IP3)
45
dBm
Input power (PIN)1 = 5 dBm per tone
Group Delay Flatness
<0.8
ns
Amplitude Settling Time
1
µs
To within ≤1 dB of static insertion loss
Phase Settling Time
2
µs
To within ≤2° of static insertion phase
Drift Rate
Amplitude
−0.018
dB/°C
At 8 GHz
Frequency
−100
ppm/°C
6 GHz to 10 GHz constant bandwidth state
RESIDUAL PHASE NOISE
At 1 MHz Offset
165
dBc/Hz
SUPPLY VOLTAGE
VSS1
−2.6
−2.5
−2.4
V
VDD1
2.4
2.5
2.6
V
VDD2
3.2
3.3
3.4
V
SUPPLY CURRENT (STATIC)
VSS1
−50
µA
VDD1
200
µA
VDD2
50
µA
SUPPLY CURRENT (DYNAMIC)
VDD2
fSCLK/2
mA
Where fSCLK is the SCLK toggle frequency in MHz,
for example, continuous SPI writing at 10 MHz
yields 5 mA of dynamic supply current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com