Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 4Page - STMicroelectronics MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MTC20455
8/23
F4
VDD
P
VSS+1.8V
F1
AD_12
B
BD8STARP_TC
Address/Data Bus
G2
AD_13
B
BD8STARP_TC
Address/Data Bus
G3
AD_14
B
BD8STARP_TC
Address/Data Bus
G4
AD_15
B
BD8STARP_TC
Address/Data Bus
G1
VSS
G
H2
PCLK
I
TLCHT_TC
Processor Clock
H3
BE
I
TLCHT_TC
Address bit 1
H1
ALE
I
TLCHT_TC
Address Latch
J2
CSB_0
I
TLCHT_TC
Chip select line 0
H4
VDD
P
VSS+1.8V
J3
CSB_1
I
TLCHT_TC
Chip select line 1
J1
CSB_2
I
TLCHT_TC
Chip select line 2
K2
CSB_3
I
TLCHT_TC
Chip select line 3
J4
WR_RDB
I
TLCHT_TC
Write/Not read
K3
VSS
G
K1
RDYB
OZ
BD4STARP_TC
Ready indication
L2
OBC_TYPE
I-PD
TLCHTDQ_TC
I960/Generic selection
L3
INTB_0
O
BD4STARP_TC
Requests OBC interrupt service line 0
L1
INTB_1
O
BD4STARP_TC
Requests OBC interrupt service line 1
K4
VDD
P
VSS+1.8V
M2
INTB_2
O
BD4STARP_TC
Requests OBC interrupt service line 2
M1
INTB_3
O
BD4STARP_TC
Requests OBC interrupt service line 3
N2
RESETB
I
TLCHT_TC
Hard reset
N1
VSS
G
P1
VDD
P
VSS+1.8V
P2
TDO
OZ
BD4STARP_TC
Boundary scan out
M3
TDI
I-PU
TLCHTUQ_TC
Boundary scan in
N3
TMS
I-PU
TLCHTUQ_TC
Tap controller signal
L4
TCK
I-PD
TLCHTDQ_TC
Boundary scan clock
P3
TRSTB
I-PD
TLCHTDQ_TC
Not reset of Tap controller
M4
VSS
G
N4
TESTE
I-PD
TLCHTDQ_TC
Enables scan test mode
P4
VSSIO
G
L5
U_RXDATA_0
OZ
BD8STARP_TC
Utopia receive data bus
M5
U_RXDATA_1
OZ
BD8STARP_TC
Utopia receive data bus
N5
U_RXDATA_2
OZ
BD8STARP_TC
Utopia receive data bus
P5
U_RXDATA_3
OZ
BD8STARP_TC
Utopia receive data bus
L6
U_RXDATA_4
OZ
BD8STARP_TC
Utopia receive data bus
M6
U_RXDATA_5
OZ
BD8STARP_TC
Utopia receive data bus
N6
U_RXDATA_6
OZ
BD8STARP_TC
Utopia receive data bus
P6
U_RXDATA_7
OZ
BD8STARP_TC
Utopia receive data bus
L7
VDDIO
P
VSSIO+3.3V
Table 4. LFBGA 160 pin list (continued)
Pin #
Signal Name
Signal
type
Technology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com