Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 5 Page - STMicroelectronics

  MTC20455 Datasheet HTML 1Page - STMicroelectronics MTC20455 Datasheet HTML 2Page - STMicroelectronics MTC20455 Datasheet HTML 3Page - STMicroelectronics MTC20455 Datasheet HTML 4Page - STMicroelectronics MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
MTC20455
78
MCLK_0
I
TLCHT_TC
Master clock line 0
79
CTRLDATA_0
O
BD4STARP_TC
Serial data transmit channel line 0
80
VDD
P
VSS+1.8V
81
VSS
G
82
AFTXD_0_0
O
BD4STARP_TC
Transmit data nibble line 0
83
AFTXD_0_1
O
BD4STARP_TC
Transmit data nibble line 0
84
AFTXD_0_2
O
BD4STARP_TC
Transmit data nibble line 0
85
AFTXD_0_3
O
BD4STARP_TC
Transmit data nibble line 0
86
VDDIO
P
VSSIO+3.3V
87
AFRESET_1
O
BD4STARP_TC
MTC20455 Reset line 1
88
PDOWN_1
O
BD4STARP_TC
MTC20455 power down line 1
89
AFRXD_1_0
I
TLCHT_TC
Receive data nibble line 1
90
AFRXD_1_1
I
TLCHT_TC
Receive data nibble line 1
91
AFRXD_1_2
I
TLCHT_TC
Receive data nibble line 1
92
AFRXD_1_3
I
TLCHT_TC
Receive data nibble line 1
93
VDD
P
VSS+1.8V
94
CLWD_1
I
TLCHT_TC
Start of word indication line 1
95
MCLK_1
I
TLCHT_TC
Master clock line 1
96
CTRLDATA_1
O
BD4STARP_TC
Serial data transmit channel line 1
97
VSSIO
G
98
AFTXD_1_0
O
BD4STARP_TC
Transmit data nibble line 1
99
AFTXD_1_1
O
BD4STARP_TC
Transmit data nibble line 1
100
AFTXD_1_2
O
BD4STARP_TC
Transmit data nibble line 1
101
AFTXD_1_3
O
BD4STARP_TC
Transmit data nibble line 1
102
VSS
G
103
GP_IN
I-PD
TLCHTDQ_TC
General purpose input for DspFe test
104
AFRESET_2
O
BD4STARP_TC
MTC20455 Reset line 2
105
PDOWN_2
O
BD4STARP_TC
MTC20455 power down line 2
106
VDDIO
P
VSSIO+3.3V
107
AFRXD_2_0
I
TLCHT_TC
Receive data nibble line 2
108
AFRXD_2_1
I
TLCHT_TC
Receive data nibble line 2
109
AFRXD_2_2
I
TLCHT_TC
Receive data nibble line 2
110
AFRXD_2_3
I
TLCHT_TC
Receive data nibble line 2
111
VDD
P
VSS+1.8V
112
CLWD_2
I
TLCHT_TC
Start of word indication line 2
113
MCLK_2
I
TLCHT_TC
Master clock line 2
114
CTRLDATA_2
O
BD4STARP_TC
Serial data transmit channel line 2
115
VSS
G
116
AFTXD_2_0
O
BD4STARP_TC
Transmit data nibble line 2
117
AFTXD_2_1
O
BD4STARP_TC
Transmit data nibble line 2
118
AFTXD_2_2
O
BD4STARP_TC
Transmit data nibble line 2
119
AFTXD_2_3
O
BD4STARP_TC
Transmit data nibble line 2
120
VDD
P
VSS+1.8V
Table 3. PQFP 160 pin list (continued)
Pin #
Signal Name
Signal
type
Technology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com