Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics MTC20455 Datasheet HTML 15Page - STMicroelectronics MTC20455 Datasheet HTML 16Page - STMicroelectronics MTC20455 Datasheet HTML 17Page - STMicroelectronics MTC20455 Datasheet HTML 18Page - STMicroelectronics MTC20455 Datasheet HTML 19Page - STMicroelectronics MTC20455 Datasheet HTML 20Page - STMicroelectronics MTC20455 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
MTC20455
Table 13. Transmitted bits assigned to signal/time slot for muxed-line interface
Table 14. MCLK, AC Electrical Characteristics
Table 15. AFTXD AC Electrical Characteristics
Table 16. CTRLDATA AC Electrical Characteristics
Figure 10. Analog front end receive interface timing diagram
Cycles
01
23
45
67
line 0
line 1
line 2
line 3
AFTXD_1[0]
b0
b8
b0
b8
b0
b8
b0
b8
AFTXD_1[1]
b1
b9
b1
b9
b1
b9
b1
b9
AFTXD_1[2]
b2
b10
b2
b10
b2
b10
b2
b10
AFTXD_1[3]
b3
b11
b3
b11
b3
b11
b3
b11
AFTXD_2[0]
b4
b12
b4
b12
b4
b12
b4
b12
AFTXD_2[1]
b5
b13
b5
b13
b5
b13
b5
b13
AFTXD_2[2]
b6
b14
b6
b14
b6
b14
b6
b14
AFTXD_2[3]
b7
b15
b7
b15
b7
b15
b7
b15
AC Electrical Characteristics for MCLK_i
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
F
Clock Frequency
35.328
MHz
Tper
Clock Period
28.3
ns
Th
Clock duty cycle
40
60
%
AC Electrical Characteristics for AFTXD_i
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Tva
Data valid time
20 pF load
16
ns
Tha
Data hold time
20 pF load
4
ns
AC Electrical Characteristics for CTRLDATA_i
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Tvb
Data valid time
20 pF load
20
ns
Thb
Data hold time
20 pF load
4
ns
MCLK_i
Ts
AFRXD_i
Th
CLWD_i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com