Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 4 Page - STMicroelectronics

  MTC20455 Datasheet HTML 1Page - STMicroelectronics MTC20455 Datasheet HTML 2Page - STMicroelectronics MTC20455 Datasheet HTML 3Page - STMicroelectronics MTC20455 Datasheet HTML 4Page - STMicroelectronics MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MTC20455
4/23
35
INTB_1
O
BD4STARP_TC
Requests OBC interrupt service line 1
36
VDD
P
VSS+1.8V
37
INTB_2
O
BD4STARP_TC
Requests OBC interrupt service line 2
38
INTB_3
O
BD4STARP_TC
Requests OBC interrupt service line 3
39
RESETB
I
TLCHT_TC
Hard reset
40
VSS
G
41
VDD
P
VSS+1.8V
42
TDO
OZ
BD4STARP_TC
Boundary scan out
43
TDI
I-PU
TLCHTUQ_TC
Boundary scan in
44
TMS
I-PU
TLCHTUQ_TC
Tap controller signal
45
TCK
I-PD
TLCHTDQ_TC
Boundary scan clock
46
TRSTB
I-PD
TLCHTDQ_TC
Not reset of Tap controller
47
VSS
G
48
TESTE
I-PD
TLCHTDQ_TC
Enables scan test mode
49
VSSIO
G
50
U_RXDATA_0
OZ
BD8STARP_TC
Utopia receive data bus
51
U_RXDATA_1
OZ
BD8STARP_TC
Utopia receive data bus
52
U_RXDATA_2
OZ
BD8STARP_TC
Utopia receive data bus
53
U_RXDATA_3
OZ
BD8STARP_TC
Utopia receive data bus
54
U_RXDATA_4
OZ
BD8STARP_TC
Utopia receive data bus
55
U_RXDATA_5
OZ
BD8STARP_TC
Utopia receive data bus
56
U_RXDATA_6
OZ
BD8STARP_TC
Utopia receive data bus
57
U_RXDATA_7
OZ
BD8STARP_TC
Utopia receive data bus
58
VDDIO
P
VSSIO+3.3V
59
U_RXSOC
OZ
BD8STARP_TC
Utopia receive start of cell
60
U_RXCLK
I
TLCHT_TC
Utopia receive clock
61
U_RXENBB
I
TLCHT_TC
Utopia receive not enable
62
U_RXCLAV
OZ
Utopia receive cell available
63
VDD
P
VSS+1.8V
64
U_RXADDR_0
I
TLCHT_TC
Utopia receive address
65
U_RXADDR_1
I
TLCHT_TC
Utopia receive address
66
U_RXADDR_2
I
TLCHT_TC
Utopia receive address
67
U_RXADDR_3
I
TLCHT_TC
Utopia receive address
68
U_RXADDR_4
I
TLCHT_TC
Utopia receive address
69
VSS
G
70
AFRESET_0
O
BD4STARP_TC
MTC20455 Reset line 0
71
PDOWN_0
O
BD4STARP_TC
MTC20455 power down line 0
72
AFRXD_0_0
I
TLCHT_TC
Receive data nibble line 0
73
AFRXD_0_1
I
TLCHT_TC
Receive data nibble line 0
74
AFRXD_0_2
I
TLCHT_TC
Receive data nibble line 0
75
AFRXD_0_3
I
TLCHT_TC
Receive data nibble line 0
76
VSSIO
G
77
CLWD_0
I
TLCHT_TC
Start of word indication line 0
Table 3. PQFP 160 pin list (continued)
Pin #
Signal Name
Signal
type
Technology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com