Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics MTC20455 Datasheet HTML 15Page - STMicroelectronics MTC20455 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MTC20455
12/23
Functional Description
Fig.4 shows the global block diagram of the MTC20455. The functions can be grouped into the following:
■ DMT modems
■ Quad or single AFE interface
■ Utopia interface
■ Controller interface
■ Miscellaneous
DMT Modem Description
The following section essentially describes the sequence of actions for the receive direction, correspond-
ing functions for the transmit direction are readily derived.
DSP Front-End
The DSP Front-End contains 4 parts in the receive direction: the Input Selector, the Analog Front-End In-
terface, the Decimator and the Time Equaliser. The input selector is used internally to enable test loop-
backs inside the chip. The Analog Front-End Interface transfers 1 6-bits word, multiplexed on 4 input/
output signals. As a result, 4 clock cycles are needed to transfer 1 word. The Decimator receives the 16-
bits samples at 8.8 MHz (as sent by the Analog Front-End chip) and reduces this rate to 2.2 MHz. The
Time Equaliser (TEQ) module is an FIR filter with programmable coefficients. Its main purpose is to reduce
the effect of Inter-Symbol Interference (ISI) by shortening the channel impulse response. Both the Deci-
mator and TEQ can be bypassed. In the transmit direction, the DSP Front-End includes: sidelobe filtering,
clipping, delay equalisation and interpolation. The sidelobe filtering and delay equalisation are implement-
ed by IIR filters, reducing the effect of echo in FDM systems. Clipping is a statistical process limiting the
amplitude of the output signal, optimising the dynamic range of the AFE. The interpolator receives data at
2.2 MHz and generates samples at a rate of 8.8 MHz.
Figure 4. DSP Front-End
DMT Modem
This computational module is a programmable DSP unit. Its instruction set enables functions like FFT, IF-
FT, Scaling, Rotor and Frequency Equali-sation (FEQ). This block implements the core of the DMT algo-
rithm as specified in ANSI T1.413. In the RX path, the 512-point FFT transforms the time-domain DMT
symbol into a frequency domain representation which can be further decoded by the subsequent de-map-
ping stages. After the first stage time / domain equalisation and FFT block – an essentially ICI (InterCarrier
Interference) – free carrier information stream has been obtained.
This stream is still affected by carrier-specific channel distortion resulting in an attenuation of the signal
Bypass
IN
select
Analog
Interface
To DMT
modem
AFE
I/F
DEC
TEQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com