Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
MTC20455
M7
U_RXSOC
OZ
BD8STARP_TC
Utopia receive start of cell
N7
U_RXCLK
I
TLCHT_TC
Utopia receive clock
P7
U_RXENBB
I
TLCHT_TC
Utopia receive not enable
L8
U_RXCLAV
OZ
Utopia receive cell available
N8
VDD
P
VSS+1.8V
D11
AFTXD_2_0
O
BD4STARP_TC
Transmit data nibble line 2
D13
AFTXD_2_1
O
BD4STARP_TC
Transmit data nibble line 2
C13
AFTXD_2_2
O
BD4STARP_TC
Transmit data nibble line 2
B13
AFTXD_2_3
O
BD4STARP_TC
Transmit data nibble line 2
B14
VDD
P
VSS+1.8V
A13
VSS
G
A14
AFRESET_3
O
BD4STARP_TC
MTC20455 Reset line 3
B12
PDOWN_3
O
BD4STARP_TC
MTC20455 power down line 3
A12
AFRXD_3_0
I
TLCHT_TC
Receive data nibble line 3
D12
AFRXD_3_1
I
TLCHT_TC
Receive data nibble line 3
C12
AFRXD_3_2
I
TLCHT_TC
Receive data nibble line 3
A11
AFRXD_3_3
I
TLCHT_TC
Receive data nibble line 3
C11
VDD
P
VSS+1.8V
B11
CLWD_3
I
TLCHT_TC
Start of word indication line 3
A10
MCLK_3
I
TLCHT_TC
Master clock line 3
D10
CTRLDATA_3
O
BD4STARP_TC
Serial data transmit channel line 3
C10
VSSIO
G
B10
AFTXD_3_0
O
BD4STARP_TC
Transmit data nibble line 3
A9
AFTXD_3_1
O
BD4STARP_TC
Transmit data nibble line 3
D9
AFTXD_3_2
O
BD4STARP_TC
Transmit data nibble line 3
C9
AFTXD_3_3
O
BD4STARP_TC
Transmit data nibble line 3
A8
U_TXSOC
I
TLCHT_TC
Utopia transmit start of cell
B9
VDDIO
P
VSSIO+3.3V
D8
U-TXCLK
I
TLCHT_TC
Utopia transmit clock
B8
U_TXENBB
I
TLCHT_TC
Utopia transmit not enable
A7
U_TXCLAV
OZ
BD8STARP_TC
Utopia transmit cell available
C8
VSS
G
D7
U_TXADDR_0
I
TLCHT_TC
Utopia transmit address
A6
U_TXADDR_1
I
TLCHT_TC
Utopia transmit address
B7
U_TXADDR_2
I
TLCHT_TC
Utopia transmit address
C7
U_TXADDR_3
I
TLCHT_TC
Utopia transmit address
D6
U_TXADDR_4
I
TLCHT_TC
Utopia transmit address
A5
VDD
P
VSS+1.8V
B6
COMP_CELL
O
COMPENSATION_VSS
Resistance for compensation cell
C6
VSS
G
A4
U_TXDATA_0
I
TLCHT_TC
Utopia transmit data bus
D5
U_TXDATA_1
I
TLCHT_TC
Utopia transmit data bus
B5
U_TXDATA_2
I
TLCHT_TC
Utopia transmit data bus
Table 4. LFBGA 160 pin list (continued)
Pin #
Signal Name
Signal
type
Technology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com