Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics MTC20455 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
MTC20455
Input/Output CMOS Generic Characteristics
The values presented in the following table apply for all CMOS inputs and/ or outputs unless specified oth-
erwise.
Table 7. TTL IO buffers generic characteristics
* The reference current is dependent on the exact buffer chosen and is part of the buffer name. The available values are 4 and 8mA.
Input/Output TTL Generic Characteristics
The values presented in the following table apply for all TTL inputs and/or outputs unless specified other-
wise.
Table 8. TTL IO buffers generic characteristics
* The reference current is dependent on the exact buffer chosen and is part of the buffer name. The available values are 2,4, and 8mA.
Operating Conditions
Table 9. Operating Conditions
DC Electrical Characteristics
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
0.2*VDD
V
VIH
High level input voltage
0.8*vDD
V
VHY
Schmitt trigger hysteresis
slow edge <1V/µs
only for SCHMITT
0.8
V
VOL
Low level output voltage
IOUT = XMa*
0.4
V
VOH
High level output voltage
IOUT = -Xma*
0.85*vDD
V
DC Electrical Characteristics, important for transient but measured at (near) DC.
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2.0
V
VILHY
Low level threshold, falling slow edge < 1V/µs
0.9
1.35
V
VIHHY
High level threshold,
rising
slow edge < 1V/µs
1.3
1.9
V
VHY
Schmitt trigger hysteresis
slow edge <1V/µs
0.4
0.7
V
VOL
Low level output voltage
IOUT = XMa*
0.4
V
VOH
High level output voltage
IOUT = -Xma*
2.4
V
Maximum ratings
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDDIO
IO Supply voltage
3.0
3.3
3.6
V
VDD
Core Supply voltage
1.62
1.8
2.0
V
TA
Ambient temperature
1m/s airflow
-40
+85
°C
P
Power dissipation
1000
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com