Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 22 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 15Page - STMicroelectronics MTC20455 Datasheet HTML 16Page - STMicroelectronics MTC20455 Datasheet HTML 17Page - STMicroelectronics MTC20455 Datasheet HTML 18Page - STMicroelectronics MTC20455 Datasheet HTML 19Page - STMicroelectronics MTC20455 Datasheet HTML 20Page - STMicroelectronics MTC20455 Datasheet HTML 21Page - STMicroelectronics MTC20455 Datasheet HTML 22Page - STMicroelectronics MTC20455 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
MTC20455
22/23
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.210
1.700
0.047
0.067
A1
0.270
0.010
A2
1.120
0.044
b
0.450
0.500
0.550
0.018
0.02
0.021
D
11.85
12.00
12.15
0.466
0.472
0.478
D1
10.40
0.409
E
11.85
12.00
12.15
0.466
0.472
0.478
E1
10.40
0.409
e
0.720
0.800
0.880
0.028
0.031
0.034
f
0.650
0.800
0.950
0.025
0.031
0.037
ddd
0.120
0.004
LFBGA160
Low Profile Fine Pitch Ball Grid Array
7254214 A
Body: 12 x 12 x 1.7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com