Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 3 Page - STMicroelectronics

  MTC20455 Datasheet HTML 1Page - STMicroelectronics MTC20455 Datasheet HTML 2Page - STMicroelectronics MTC20455 Datasheet HTML 3Page - STMicroelectronics MTC20455 Datasheet HTML 4Page - STMicroelectronics MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
MTC20455
Table 2. I/O driver function
Driver
Function
BD4STARP_TC
CMOS bi-directional, 4mA, schmitt trigger on input, active slew rate control, 3.3V capable
BD8STARP_TC
CMOS bi-directional, 8mA, schmitt trigger on input, active slew rate control, 3.3V capable
TLCHT_TC
TTL input, 3.3V compatible
TLCHTDQ_TC
TTL input, 3.3V compatible, pull down, IDDq control
TLCHTUQ_TC
TTL input, 3.3V compatible, pull up, IDDq control
Table 3. PQFP 160 pin list
Pin #
Signal Name
Signal
type
Technology
Description
1VSS
G
2
AD_00
B
BD8STARP_TC
Address/Data Bus
3
AD_01
B
BD8STARP_TC
Address/Data Bus
4
AD_02
B
BD8STARP_TC
Address/Data Bus
5
AD_03
B
BD8STARP_TC
Address/Data Bus
6
VDDIO
P
VSSIO+3.3V
7
AD_04
B
BD8STARP_TC
Address/Data Bus
8
AD_05
B
BD8STARP_TC
Address/Data Bus
9
AD_06
B
BD8STARP_TC
Address/Data Bus
10
AD_07
B
BD8STARP_TC
Address/Data Bus
11
VSSIO
G
12
AD_08
B
BD8STARP_TC
Address/Data Bus
13
AD_09
B
BD8STARP_TC
Address/Data Bus
14
AD_10
B
BD8STARP_TC
Address/Data Bus
15
AD_11
B
BD8STARP_TC
Address/Data Bus
16
VDD
P
VSS+1.8V
17
AD_12
B
BD8STARP_TC
Address/Data Bus
18
AD_13
B
BD8STARP_TC
Address/Data Bus
19
AD_14
B
BD8STARP_TC
Address/Data Bus
20
AD_15
B
BD8STARP_TC
Address/Data Bus
21
VSS
G
22
PCLK
I
TLCHT_TC
Processor Clock
23
BE
I
TLCHT_TC
Address bit 1
24
ALE
I
TLCHT_TC
Address Latch
25
CSB_0
I
TLCHT_TC
Chip select line 0
26
VDD
P
VSS+1.8V
27
CSB_1
I
TLCHT_TC
Chip select line 1
28
CSB_2
I
TLCHT_TC
Chip select line 2
29
CSB_3
I
TLCHT_TC
Chip select line 3
30
WR_RDB
I
TLCHT_TC
Write/Not read
31
VSS
G
32
RDYB
OZ
BD4STARP_TC
Ready indication
33
OBC_TYPE
I-PD
TLCHTDQ_TC
I960/Generic selection
34
INTB_0
O
BD4STARP_TC
Requests OBC interrupt service line 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com