Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20455 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MTC20455
10/23
ELECTRICAL SPECIFICATIONS GENERIC
The values presented in the following table apply for all inputs and/or outputs unless specified otherwise.
Specifically they are not influenced by the choice between CMOS or TTL levels.
Table 5. I/O Buffers generic DC Characteristics
Table 6. IO buffers dynamic characteristic
C5
U_TXDATA_3
I
TLCHT_TC
Utopia transmit data bus
A3
U_TXDATA_4
I
TLCHT_TC
Utopia transmit data bus
B4
U_TXDATA_5
I
TLCHT_TC
Utopia transmit data bus
C4
U_TXDATA_6
I
TLCHT_TC
Utopia transmit data bus
B3
U-TXDATA_7
I
TLCHT_TC
Utopia transmit data bus
B2
U_TXREFB
I
TLCHT_TC
8kHz from network
A2
VDD
P
VSS+1.8V
DC Electrical Characteristics
All voltages are referenced to Vss, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Input leakage current
VIN = VSS, VDDIO,
no pull up/pull down
-1
1
µA
IOZ
Tristate leakage current
VIN = VSS, VDDIO,
-1
1
µA
no pull up/pull down
IPU
Pull up current
VIN = VSS
-15
-46.7
-100
µA
IPD
Pull down current
VIN = VDDIO
12.5
39.4
90
µA
Rpu
Pull up resistance
VIN = VSS
35
70.5
200
kOhm
RPD
Pull down resistance
VIN = VDDIO
40
83.7
240
kOhm
IDC
Static current fromVDDIO
NORMAL MODE
COREOFF MODE (no VDD)
IDDQ MODE (VDDIO <2.5)
1.7
µA
11.6
µA
-µA
DC Electrical Characteristics, important for transient but measured at (near) DC.
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
CIN
Input capacitance
@f = 1 MHz
5
pF
dl/dt
Current derivative
8 mA driver,
(active slew rate control)
20
50
mA/ns
Ipeak
Peak current
8 mA driver,
(active slew rate control)
85
mA
COUT
Output capacitance (also
bidirectional and tristate
drivers)
@f = 1MHz
7
pF
Table 4. LFBGA 160 pin list (continued)
Pin #
Signal Name
Signal
type
Technology
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com