Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products DG417LDY Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
10
515
20
25
30 35
40 45
TURN-ON/TURN-OFF TIME
VS.
SINGLE SUPPLY VOLTAGE
POWER SUPPLY VOLTAGES (V)
0
250
100
50
300
350
450
400
650
200
150
500
550
600
tOFF
tON
40
320
280
240
200
160
120
80
400
360
480
440
520
560
600
TURN-ON/TURN-OFF TIME
VS.
TEMPERATURE
TEMPERATURE (
°C)
-50
10
-30
30
50
90
-10
70
A: V+ = +15V
V- = -15V
B: V+ = +5V
V- = -5V
B, tOFF
B, tON
A, tOFF
C, tOFF
C, tON
A, tON
C: V+ = +12V
V- = 0
0.001
0.01
1
0.1
10
-40
-20 -10
-30
0 10 20 30 40 50 60 70 80 90
ON-LEAKAGE CURRENTS
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 16.5V
V- = -16.5V
VCOM =
±15V
V+ = +36V
V- = 0
VCOM = +35V
A:
B:
A
B
0
5
10
15
20
25
30
35
40
04
26
8
10
12
ON-RESISTANCE
VS.
VCOM AND TEMPERATURE
VCOM (V)
TA = +85
°C
TA = +0
°C
TA = -40
°C
V+ = +12V
V- = 0
0
10
5
25
20
15
40
35
30
45
-20
-5
0
-15
-10
5
10
15
20
CHARGE INJECTION VS.
VCOM
VCOM (V)
V+ = +12V
V- = 0
V+ = +15V
V- = -15V
0
250
100
50
300
350
450
400
650
0
5
200
150
500
550
600
15
20
25
TURN-ON/TURN-OFF TIME VS.
DUAL SUPPLY VOLTAGE
POWER SUPPLY VOLTAGES (V)
10
tOFF
tON
0
10
15
20
25
30
35
40
45
-20
-10
0
10
20
ON-RESISTANCE
VS.
VCOM (DUAL SUPPLIES)
VCOM (V)
5
A
B
C
D
E
A: V =
±5V
B: V =
±10V
C: V =
±12V
D: V =
±15V
E: V =
±20V
0
10
30
20
40
50
010
15
5
2025303540
ON-RESISTANCE
VS.
VCOM (SINGLE SUPPLY)
VCOM (V)
A
B
C
D
E
A: V = +9V
B: V = +12V
C: V = +24V
D: V = +36V
E: V = +40V
0
10
5
20
15
25
30
ON-RESISTANCE
VS.
VCOM AND TEMPERATURE
VCOM (V)
-15
-5
0
-10
5
10
15
TA = +85
°C
TA = 0
°C
TA = -40
°C
V+ = +15V
V- = -15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com