Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products DG417LDY Datasheet HTML 10Page - Maxim Integrated Products DG417LDY Datasheet HTML 11Page - Maxim Integrated Products DG417LDY Datasheet HTML 12Page - Maxim Integrated Products DG417LDY Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
_______________________________________________________________________________________
9
Applications Information
Power-Supply
Sequencing-Free Operation
Most CMOS switches require specific power-supply
sequencing in order to prevent device latchup. The
older DG417/DG418/DG419 devices require a proper
power-supply sequence of V+, VL, then V-. Otherwise,
it is necessary to add signal diodes to the circuit in
order to prevent potential latchups. The new
DG417L/DG418L/DG419L devices eliminate the need
for a VL input and allow any power-up sequence. Do
not exceed the absolute maximum ratings because
stresses beyond the listed ratings may cause perma-
nent damage to the devices.
+3V
0
VCOM
0.9 x VOUT
LOGIC
INPUT
V-
RL
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO
COM
NC
V+
CL
35pF
+10V
tD
IN
V+
V-
VOUT
LOGIC
INPUT
DG419L
Figure 4. Charge Injection
VGEN
GND
NC OR
NO
CL
1nF
VOUT
V-
V-
V+
N.C.
VOUT
IN
OFF
ON
OFF
∆VOUT
Q =
∆VOUT x CL
COM
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = +3V
DG417L
DG418L
DG419L
V+
Figure 3. DG419L Break-Before-Make Interval
______________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com