Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products DG417LDY Datasheet HTML 10Page - Maxim Integrated Products DG417LDY Datasheet HTML 11Page - Maxim Integrated Products DG417LDY Datasheet HTML 12Page - Maxim Integrated Products DG417LDY Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
10
______________________________________________________________________________________
IN
0 or
2.4V
SIGNAL
GENERATOR 0dBm
V+
10nF
N.C.
NETWORK
ANALYZER
NC OR
NO
RL
GND
COM
10nF
V-
V-
V+
DG417L
DG418L
DG419L
CL
SIGNAL
GENERATOR 0dBm
V+
V+
NO
RL
GND
COM
V-
V-
0 or 2.4V
IN
NC
50
Ω
COM
DG419L
N.C.
NETWORK
ANALYZER
10nF
10nF
CAPACITANCE
METER
NC OR
NO
COM
GND
V-
V-
IN
0 or
2.4V
V+
N.C.
f = 1MHz
V+
DG417L
DG418L
DG419L
10nF
10nF
NC OR
NO
COM
GND
V-
V-
IN
0 or
2.4V
V+
V+
DG417L
DG418L
DG419L
CAPACITANCE
METER
f = 1MHz
10nF
10nF
N.C.
Figure 5. Off-Isolation
Figure 6. DG419L Crosstalk
Figure 7. Channel Off-Capacitance
Figure 8. Channel On-Capacitance
Test Circuits/Timing Diagrams (continued)
PART
TEMP. RANGE
PIN-PACKAGE
DG418LEUA
-40°C to +85°C
8
µMAX
DG418LDY
-40°C to +85°C
8 SO
8 Plastic DIP
-40°C to +85°C
DG418LDJ
DG419LEUA
-40°C to +85°C
8
µMAX
8 SO
-40°C to +85°C
DG419LDY
DG419LDJ
-40°C to +85°C
8 Plastic DIP
Ordering Information (continued)
______________________Chip Information
TRANSISTOR COUNT: 40
PROCESS: CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com