Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products DG417LDY Datasheet HTML 10Page - Maxim Integrated Products DG417LDY Datasheet HTML 11Page - Maxim Integrated Products DG417LDY Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
8
_______________________________________________________________________________________
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
DG417L
DG418L
DG419L
1
1
1
COM
Analog Switch Common Terminal
2, 5
2, 5
5
N.C.
No Connection. Not internally connected.
3
3
3
GND
Logic Ground
4
4
4
V+
Analog Signal Positive Supply Input
6
6
6
IN
Logic-Level Input
7
7
7
V-
Analog Signal Negative Supply Input
8
—
2
NC
Analog Switch Normally Closed Terminal
—
8
8
NO
Analog Switch Normally Open Terminal
_____________________________________________________Test Circuits/Timing Diagrams
tR < 20ns
tF < 20ns
50%
0
LOGIC
INPUT
V-
V-
RL
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VD
(
RL
)
RL + RDS(ON)
SWITCH
INPUT
IN
+3V
tOFF
0
COM
SWITCH
OUTPUT
0.9 x VOUT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
N.C.
V+
CL
35pF
V+
VOUT
DG417L
DG418L
NC
OR NO
tR < 20ns
tF < 20ns
50%
0
LOGIC
INPUT
V-
V-
RL
300
Ω
COM
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC
INPUT
NC
IN
tTRANS
+3V
tTRANS
VOUT1
V+
NO
VOUT
0.8 x VOUT1
VOUT2
0.8 x VOUT2
SWITCH
OUTPUT
DG419L
V+
N.C.
CL
35pF
Figure 1. DG417L/DG418L Switching Time
Figure 2. DG419L Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com