Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG417LDY Datasheet HTML 1Page - Maxim Integrated Products DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
_______________________________________________________________________________________
5
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: -40°C specifications are guaranteed by design.
Note 4: Flatness is defined as the difference between the maximum and the minimum value of on-resistance as measured at the
extremes of the specified analog range.
Note 5: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 6: Guaranteed by design.
Note 7: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between Switches
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DYNAMIC
+25°C
150
300
Turn-On Time
tON
VNO or VNC = +10V
RL = 300
Ω
CL = 35pF
Figure 1
DG417L
DG418L
TMIN to TMAX
400
ns
+25°C
110
210
Turn-Off Time
tOFF
VNO or VNC = +10V
RL = 300
Ω
CL = 35pF
Figure 1
DG417L
DG418L
TMIN to TMAX
310
ns
+25°C
150
300
Transition Time
tTRANS
VNO = 0, 10V
VNC = 10V, 0
RL = 300
Ω
CL = 35pF
Figure 2
DG419L
TMIN to TMAX
400
ns
+25°C5
30
Break-Before-Make Delay
(Note 6)
tD
VNO, VNC = +10V
RL = 300
Ω
CL = 35pF
Figure 3
DG419L
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 4
2.5
pC
POWER SUPPLY
Power-Supply Range
VS
Single supply
9
36
V
+25°C
0.01
1
V+ = +13.2V
VIN = 0 or V+
TMIN to TMAX
10
+25°C15
60
Positive Supply Current
I+
V+ = +13.2V
VIN = 5V
TMIN to TMAX
110
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com