Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG417LDY Datasheet HTML 1Page - Maxim Integrated Products DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Dual ±15V Supplies (continued)
(V+ = +15V, V- = -15V, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DIGITAL I/O
Input Logic High Voltage
VIH
2.0
V
Input Logic Low Voltage
VIL
0.8
V
Logic Input Current
(Input Voltage Low)
IINL
VIN = 0.8V
0.001
1
µA
Logic Input Current
(Input Voltage High)
IINH
VIN = 2.0V
0.001
1
µA
POWER SUPPLY
Power-Supply Range
VS
Dual supplies
±4.5
±20
V
+25°C26
75
V+ = +16.5V, V- = -16.5V,
VIN = 5V
TMIN to TMAX
125
+25°C
0.01
1
Positive Supply Current
I+
V+ = +16.5V, V- = -16.5V,
VIN = 0 or V+
TMIN to TMAX
10
µA
+25°C
0.01
1
Negative Supply Current
I-
V+ = +16.5V, V- = -16.5V,
VIN = 0, 5V, V+
TMIN to TMAX
10
µA
+25°C26
75
V+ = +16.5V, V- = -16.5V,
VIN = 5V
TMIN to TMAX
125
+25°C
0.01
1
Ground Current
IGND
V+ = +16.5V, V- = -16.5V,
VIN = 0 or V+
TMIN to TMAX
10
µA
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC
VCOM
V-
V+
V
+25°C
31
100
On-Resistance
RON
V+ = +10.8V,
ICOM = 10mA,
VNO or VNC = +3.8V
TMIN to TMAX
125
Ω
+25°C
0.05
4
On-Resistance Matching
Between Channels
(DG419L Only)
∆RON
V+ = +10.8V,
ICOM = 10mA,
VNO or VNC = +3.8V
TMIN to TMAX
6
Ω
+25°C4
9
On-Resistance Flatness
(Note 4)
RFLAT (ON)
V+ = +12V,
ICOM = 10mA
VNO or VNC = 2V, 6V, 10V
TMIN to TMAX
13
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com