Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG417LDY Datasheet HTML 1Page - Maxim Integrated Products DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual ±15V Supplies
(V+ = +15V, V- = -15V, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage referenced to V-
V+ ..........................................................................................44V
GND.......................................................................................25V
IN ...........................................................................-0.3V to +44V
COM, NC, NO (Note 1) ........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (any terminal) (Note 1) .....................±30mA
Peak Current, COM, NO, NC (pulsed at 1ms,
10% duty cycle max) .................................................±100mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) ............362mW
8-Pin SO (derate 5.9mW/°C above +70°C) .................471mW
8-Pin Plastic DIP (derate 9.1mW/°C above +70°C).....727mW
Operating Temperature Range...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Note 1: Signals on COM, NO, or NC exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current
ratings.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC
VCOM
V-
V+
V
+25°C17
35
On-Resistance
RON
V+ = +13.5V, V- = -13.5V
ICOM = 10mA
VNO or VNC = ±10V
TMIN to TMAX
45
Ω
+25°C
0.1
3
On-Resistance Matching
Between Channels
(DG419L only)
∆RON
V+ = +15V, V- = -15V
ICOM = 10mA
VNO or VNC = ±10V
TMIN to TMAX
4
Ω
+25°C
0.5
4
On-Resistance Flatness
(Note 4)
RFLAT (ON)
V+ = +15V, V- = -15V
ICOM = 10mA
VNO or VNC = -5V, 0, +5V
TMIN to TMAX
6
Ω
+25°C
-0.25
0.01
0.25
NC or NO Off-Leakage Current
(Note 5)
INC/NO(OFF)
V+ = +16.5V, V- = -16.5V
VCOM =
±15.5V
V(NC or NO) = +15.5V
TMIN to TMAX
-5
5
nA
+25°C
-0.25
0.01
0.25
COM Off-Leakage Current
(Note 5)
ICOM(OFF)
V+ = +16.5V
V- = -16.5V
VCOM =
±15.5V
V(NC or NO)= +15.5V
DG417L
DG418L
TMIN to TMAX
-5
5
nA
+25°C
-0.4
0.01
0.4
DG417L
DG418L
TMIN to TMAX
-10
10
+25°C
-0.75
0.75
COM On-Leakage Current
(Note 5)
ICOM(ON)
V+ = +16.5V
V- = -16.5V
VCOM =
±15.5V
V(NC or NO) = ±15.5V DG419L
TMIN to TMAX
-10
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com