Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG417LDY Datasheet HTML 1Page - Maxim Integrated Products DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
________________________________________________________________ Maxim Integrated Products
1
19-2170; Rev 0; 10/01
General Description
The DG417L/DG418L/DG419L precision, CMOS ana-
log switches feature low on-resistance (RON = 35
Ω),
guaranteed RON matching between switches (3
Ω
max), and guaranteed RON flatness over the signal
range (4
Ω max). These switches are +3V logic-com-
patible when powered from ±15V or ±12V supplies.
The switches conduct equally well in either direction,
and feature low charge injection and low power con-
sumption. The DG417L/DG418L/DG419L also offer low
off-leakage current over temperature (less than 5nA at
+85°C).
The DG417L/DG418L are single-pole/single-throw
(SPST) switches. The DG417L is normally closed, and
the DG418L is normally open. The DG419L is single-
pole/double-throw (SPDT) with one normally closed
switch and one normally open switch. Switching times
are less than 175ns for tON and less than 185ns for
tOFF. These devices operate with a single +9V to +36V
or bipolar ±4.5V to ±20V supplies.
The digital input has a +0.8V logic-low threshold and a
+2.0V logic-high threshold, ensuring +3V TTL and
CMOS-logic compatibility. The DG417L/DG418L/
DG419L are available in a tiny 8-pin µMAX, 8-pin SO,
or convenient 8-pin plastic DIP. All products are rated
at the extended temperature range of -40°C to +85°C.
________________________Applications
Sample-and-Hold Circuits
Communications Systems
Test Equipment
Battery-Operated Systems
Modems
Fax Machines
Guidance and Control Systems
PBX, PABX
Audio Signal Routing
Military Radios
____________________________Features
o +3V Logic-Compatible Digital Inputs
VIH = 2.0V
VIL = 0.8V
o Plug-In Upgrades for Industry-Standard
DG417/DG418/DG419 and
MAX317/MAX318/MAX319
o Power-Supply Sequencing-Free Operation
o Low On-Resistance (35Ω max)
o Guaranteed Matched On-Resistance Between
Channels (3
Ω max)
o Guaranteed On-Resistance Flatness (4Ω max)
o Single-Supply Operation +9V to +36V
Dual-Supply Operation ±4.5V to ±20V
o Guaranteed Off-Leakage Current Over
Temperature (<5nA at +85°C)
o Rail-to-Rail Analog Signal Handling Capability
o Tiny 8-Pin µMAX Package
TOP VIEW
1
2
3
4
8
7
6
5
NO
V-
IN
N.C.
V+
GND
N.C.
COM
DIP/SO/
µMAX
1
2
3
4
8
7
6
5
NC
V-
IN
N.C.
V+
GND
N.C.
COM
DIP/SO/
µMAX
1
2
3
4
8
7
6
5
NO
V-
IN
N.C.
V+
GND
NC
COM
DIP/SO/
µMAX
LOGIC
SWITCH
0
1
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
LOGIC
SWITCH
0
1
OFF
ON
LOGIC
NC
0
1
ON
OFF
NO
OFF
ON
DG417L
DG418L
DG419L
N.C. = NO CONNECT
NC = NORMALLY CLOSED
DG417L
DG419L
DG418L
Pin Configurations/Functional Diagrams/Truth Tables
PART
DG417LEUA
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8
µMAX
Ordering Information
Ordering Information continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Inc.
DG417LDY
-40°C to +85°C
8 SO
DG417LDJ
-40°C to +85°C
8 Plastic DIP


Similar Part No. - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG417LDY VISHAY-DG417LDY Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG417LDY VISHAY-DG417LDY Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
More results

Similar Description - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
MAX312L MAXIM-MAX312L Datasheet
343Kb / 13P
10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
MAX312L MAXIM-MAX312L_08 Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
logo
Texas Instruments
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
logo
Maxim Integrated Produc...
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
2廓, Quad, SPST, CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com