Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG417LDY Datasheet HTML 1Page - Maxim Integrated Products DG417LDY Datasheet HTML 2Page - Maxim Integrated Products DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual ±15V Supplies (continued)
(V+ = +15V, V- = -15V, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DYNAMIC
+25°C
110
175
Turn-On Time
tON
VNO or VNC = ±10V
RL = 300
Ω
CL = 35pF
Figure 1
DG417L
DG418L
TMIN to TMAX
250
ns
+25°C
105
185
Turn-Off Time
tOFF
VNO or VNC = ±10V
RL = 300
Ω
CL = 35pF
Figure 1
DG417L
DG418L
TMIN to TMAX
210
ns
+25°C
105
185
Transition Time
tTRANS
VNO = ±10V
VNC = +10V
RL = 300
Ω
CL = 35pF
Figure 2
DG419L
TMIN to TMAX
250
ns
+25°C5
25
Break-Before-Make Delay
(Note 6)
tD
VNO or VNC = +10V
RL = 300
Ω
CL = 35pF
Figure 3
DG419L
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 4
15
pC
Off-Isolation (Note 7)
VISO
f = 1MHz, RL = 50
Ω,
CL = 5pF,
Figure 5
-90
dB
Crosstalk (Note 8)
VCT
f = 1MHz,
RL = 50
Ω,
CL = 5pF,
Figure 6
DG419L
-86
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, 5Vp-p
RL = 600
Ω
0.002
%
NO or NC Off-Capacitance
CNO(OFF)
CNC(OFF)
f = 1MHz, Figure 7
8
pF
COM Off-Capacitance
CCOM(OFF)
f = 1MHz, Figure 7
8
pF
DG417L
DG418L
30
COM On-Capacitance
CCOM(ON)
f = 1MHz,
Figure 8
DG419L
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com