Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG417LDY
Description  35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417LDY Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG417LDY Datasheet HTML 3Page - Maxim Integrated Products DG417LDY Datasheet HTML 4Page - Maxim Integrated Products DG417LDY Datasheet HTML 5Page - Maxim Integrated Products DG417LDY Datasheet HTML 6Page - Maxim Integrated Products DG417LDY Datasheet HTML 7Page - Maxim Integrated Products DG417LDY Datasheet HTML 8Page - Maxim Integrated Products DG417LDY Datasheet HTML 9Page - Maxim Integrated Products DG417LDY Datasheet HTML 10Page - Maxim Integrated Products DG417LDY Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
35
Ω, SPST/SPDT, +3V
Logic-Compatible Analog Switches
_______________________________________________________________________________________
7
0.001
0.01
1
0.1
-40
-20 -10
-30
0 10 20 30 40 50 60 70 80 90
OFF-LEAKAGE CURRENTS
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 16.5V
V- = -16.5V
VCOM =
±15V
V+ = +36V
V- = 0
VCOM = +35V
A:
B:
A
B
1.0
1.3
1.2
1.1
1.5
1.4
1.9
1.8
1.7
1.6
2.0
0
5
10
15
20
25
30
35
LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
A: DUAL SUPPLIES
B: SINGLE SUPPLY
A
B
0
3
2
1
4
5
7
6
8
-40
-20 -10
-30
0 1020 3040 506070 80 90
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 15V
V- = -15V
VIN = 0, V+
I+
I-
-10.00
10.00
0
30.00
20.00
40.00
50.00
0
5
10
15
SUPPLY CURRENT vs. VIN
VIN (V)
V+ = +15V
V- = -15V
V+ = +12V
V- = 0
A:
B:
A
B
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
1M
10M
100M
1G
FREQUENCY REPONSE
FREQUENCY (Hz)
ON RESPONSE
OFF-ISOLATION
CROSSTALK
0.1
0.01
0.001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
RL = 600
Ω
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com