Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 15Page - OKI electronic componets MSM7732-01TB Datasheet HTML 16Page - OKI electronic componets MSM7732-01TB Datasheet HTML 17Page - OKI electronic componets MSM7732-01TB Datasheet HTML 18Page - OKI electronic componets MSM7732-01TB Datasheet HTML 19Page - OKI electronic componets MSM7732-01TB Datasheet HTML 20Page - OKI electronic componets MSM7732-01TB Datasheet HTML 21Page - OKI electronic componets MSM7732-01TB Datasheet HTML 22Page - OKI electronic componets MSM7732-01TB Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
19/29
CR2 (PCM CODEC operating mode setting and transmit/receive gain adjustment)
B7
B6
B5
B4
B3
B2
B1
B0
CR2
TX
ON/OFF
TX
GAIN2
TX
GAIN1
TX
GAIN0
RX
ON/OFF
RX
GAIN2
RX
GAIN1
RX
GAIN0
Initial Value
0
0
1
1
0
0
1
1
B7………………… PCM coder disable; 0/Enable, 1/Disable (transmit PCM idle pattern)
B6, B5, B4………… Transmit gain adjustment, refer to Table 2.
B3………………… PCM decoder disable; 0/Enable, 1/Disable (receive PCM idle pattern)
B2, B1, B0………… Receive gain adjustment, refer to Table 2.
Table 2
B6
B5
B4
Transmit Gain
B2
B1
B0
Receive Gain
0
0
0
–6 dB
0
0
0
–12 dB
0
0
1
–4 dB
0
0
1
–9 dB
0
1
0
–2 dB
0
1
0
–6 dB
0
1
1
0 dB
0
1
1
–3 dB
1
0
0
+ 2 dB
1
0
0
0 dB
1
0
1
+ 4 dB
1
0
1
+ 3 dB
1
1
0
+ 6 dB
1
1
0
+ 6 dB
1
1
1
+ 8 dB
1
1
1
+ 9 dB
The above gain settings table shows the transmit/receive voice signal gain settings and the transmit side gain
settings for DTMF tones and other tones. Tone signal transmission is enabled by CR4-B6, and the gain setting is
set to the levels shown below.
DTMF tones (low group):
–16 dBm0
DTMF tones (high group) and other tones: –14 dBm0
For example, if the transmit gain set value is set to +8 dB (B6, B5, B4) = (1, 1, 1), then the following tones appear
at the PCMOUT pin.
DTMF tones (low group):
–8 dBm0
DTMF tones (high group) and other tones: –6 dBm0
Gain setting for the side tone (path to the receive side from the transmit side) and the receive side tone is provided
by register CR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com